Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317HREER Datasheet(PDF) 32 Page - Texas Instruments

Part # DRV8317HREER
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317HREER Datasheet(HTML) 32 Page - Texas Instruments

Back Button DRV8317HREER Datasheet HTML 28Page - Texas Instruments DRV8317HREER Datasheet HTML 29Page - Texas Instruments DRV8317HREER Datasheet HTML 30Page - Texas Instruments DRV8317HREER Datasheet HTML 31Page - Texas Instruments DRV8317HREER Datasheet HTML 32Page - Texas Instruments DRV8317HREER Datasheet HTML 33Page - Texas Instruments DRV8317HREER Datasheet HTML 34Page - Texas Instruments DRV8317HREER Datasheet HTML 35Page - Texas Instruments DRV8317HREER Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
IOCP
tOCP
nFAULT
Time
IOUTx
nFAULT driven low
nFAULT released
Peak current due
to deglitch time
CLR_FLT or
nSLEEP reset pulse
Figure 8-25. Over Current Protection - Latched Mode
8.3.11.3.2 OCP Automatic Retry (OCP_MODE = 000b or 001b)
After an OCP event in this mode, all the FETs are in Hi-Z and the nFAULT pin is driven low. The FAULT, OCP
bits (in DEV_STS register) and corresponding FETs' OCP bits (in DRV_STS register) are set to 1b. Normal
operation resumes automatically (pre-driver operation, the nFAULT pin is released and corresponding FETs'
OCP bits are set to 1b) after the retry time (tRETRY) time elapses. The FAULT and OCP bits stay set to 1b until
clear fault command is issued either through the FLT_CLR bit or an nSLEEP reset pulse (tRST).
Retry time (tRETRY) is set by,
• Slow retry time (SLOW_TRETRY) by configuring OCP_MODE to 000b
• Fast retry time (FAST_TRETRY) by configuring OCP_MODE to 001b
IOCP
tOCP
nFAULT
Time
IOUTx
nFAULT driven low
nFAULT released
Peak current due
to deglitch time
tRETRY
Figure 8-26. Over Current Protection - Automatic Retry Mode
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com