Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317HREER Datasheet(PDF) 51 Page - Texas Instruments

Part # DRV8317HREER
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317HREER Datasheet(HTML) 51 Page - Texas Instruments

Back Button DRV8317HREER Datasheet HTML 47Page - Texas Instruments DRV8317HREER Datasheet HTML 48Page - Texas Instruments DRV8317HREER Datasheet HTML 49Page - Texas Instruments DRV8317HREER Datasheet HTML 50Page - Texas Instruments DRV8317HREER Datasheet HTML 51Page - Texas Instruments DRV8317HREER Datasheet HTML 52Page - Texas Instruments DRV8317HREER Datasheet HTML 53Page - Texas Instruments DRV8317HREER Datasheet HTML 54Page - Texas Instruments DRV8317HREER Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
8.6.13 PWM_CTRL Register (Offset = 20h) [Reset = 0000h]
PWM_CTRL is shown in Figure 8-40 and described in Table 8-23.
Return to the Table 8-9.
Figure 8-40. PWM_CTRL Register
15
14
13
12
11
10
9
8
PARITY
RESERVED
R/W-0h
R-0-0h
7
6
5
4
3
2
1
0
RESERVED
SSC_DIS
PWM_MODE
R-0-0h
R/W-0h
R/W-0h
Table 8-23. PWM_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
15
PARITY
R/W
0h
Parity Bit if SPI_PEN is set to '1' otherwise reserved
14-3
RESERVED
R-0
0h
Reserved
2
SSC_DIS
R/W
0h
Disable SSC on oscillator
0h = SSC enabled
1h = SSC disabled
1-0
PWM_MODE
R/W
0h
PWM mode selection
0h = 6x mode
1h = 6x direct mode
2h = 3x mode
3h = 3x direct mode
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com