Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317HREER Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV8317HREER
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317HREER Datasheet(HTML) 1 Page - Texas Instruments

  DRV8317HREER Datasheet HTML 1Page - Texas Instruments DRV8317HREER Datasheet HTML 2Page - Texas Instruments DRV8317HREER Datasheet HTML 3Page - Texas Instruments DRV8317HREER Datasheet HTML 4Page - Texas Instruments DRV8317HREER Datasheet HTML 5Page - Texas Instruments DRV8317HREER Datasheet HTML 6Page - Texas Instruments DRV8317HREER Datasheet HTML 7Page - Texas Instruments DRV8317HREER Datasheet HTML 8Page - Texas Instruments DRV8317HREER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
DRV8317 Three-Phase PWM Motor Driver
1 Features
• Three-phase BLDC motor driver
– Configurable slew rate for EMI mitigation
– Programmable gain current sensing
– Supports up to 200-kHz PWM frequency
– Integrated shoot through protection
• 4.5-V to 20-V operating voltage
– 24-V absolute maximum voltage
• High output current capability
– 5-A peak current drive
• Low on-state resistance MOSFETs
– RDS(ON) (HS + LS) at TA = 25°C : 130-mΩ
(typical)
• Ultra-low Q-current sleep mode
– 3-µA (max.) at VVM = 12-V, TA = 25°C
• Multiple control interface options
– 6x PWM control interface
– 3x PWM control interface
• Integrated current sensing
– No external current sense resistor required
– Three-phase current sense outputs
• SPI and hardware device variants
– 10-MHz SPI interface variant for flexibility
– Pin configurable variant for simplicity
• Supports 1.8-V, 3.3-V, and 5-V logic inputs
• Built-in 3.3-V ± 4.5%, 80-mA LDO regulator
• Integrated protection features
– VM under voltage lockout (UVLO)
– VM over voltage protection (OVP)
– Charge pump under voltage (CPUV)
– Over current protection (OCP)
– Over temperature warning and shutdown
(OTW/OTS)
– Fault condition indication pin (nFAULT)
2 Applications
• Brushless-DC (BLDC) Motor Modules
• Air Purifiers
• Dishwasher Pumps
• Vacuum Robots
• Washer and Dryer Pumps
• Drones and Hand-held Gimbals
• Laptop, Desktop, and Server Fans
• Coffee Machines
3 Description
DRV8317 provides three integrated MOSFET half-
bridges for driving three-phase brushless DC (BLDC)
motors with 5-V, 9-V, 12-V, or 18-V DC rails or 2s
to 4s batteries. The device provides integrated three-
phase current sensing which eliminates the need for
external sense resistors. DRV8317 has an integrated
LDO that provides a regulated 3.3-V rail capable of
delivering up to 80mA for external loads like MCU,
logic circuits, hall sensors etc.,
DRV8317 provides a configurable 6x or 3x PWM
control scheme which can be used to implement
sensored or sensorless field-oriented control (FOC),
sinusoidal control, or trapezoidal control using an
external microcontroller. DRV8317 is capable of
driving a PWM frequency of up to 200 kHz. DRV8317
is highly configurable either through SPI (DRV8317S)
or pins (DRV8317H) - PWM mode, slew rate, current
sense gain are some of the configurable features.
A number of protection features including supply
under voltage lockout (UVLO), over voltage protection
(OVP), charge pump under voltage (CPUV), over
current protection (OCP), over temperature warning
(OTW) and over temperature shutdown (OTS) are
integrated into DRV8317 to protect the device, motor,
and system against fault events. Fault conditions are
indicated by the nFAULT pin.
Device Variant Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DRV8317S(2)
WQFN (36)
5.00 mm × 4.00 mm
DRV8317H
WQFN (36)
5.00 mm × 4.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Device available for preview only.
nSLEEP
PWM input
6x / 3x PWM
CSA out
3x current feedback
nFAULT
A
B
C
4.5 to 20-V (24-V abs max)
5-A peak output current
LDO out
3.3V, up to 80mA
DRV8317S/H
LDO Regulator
Integrated Current Sensing
Built-in Protec on
Charge Pump
MCU
SPI
Only on SPI variant
Figure 3-1. DRV8317S/H Simplified Schematic
DRV8317
SLVSGT3 – DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV8317HREER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8311 TI-DRV8311 Datasheet
2Mb / 87P
DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
DRV8311-Q1 TI2-DRV8311-Q1 Datasheet
2Mb / 92P
DRV8311-Q1 Three-Phase PWM Motor Driver
OCTOBER 2025
DRV8311H TI-DRV8311H Datasheet
2Mb / 87P
DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
DRV8311H-Q1 TI2-DRV8311H-Q1 Datasheet
2Mb / 92P
DRV8311-Q1 Three-Phase PWM Motor Driver
OCTOBER 2025
DRV8311HRRWR TI-DRV8311HRRWR Datasheet
2Mb / 87P
DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
More results

Similar Description - DRV8317HREER

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3936 ALLEGRO-3936 Datasheet
177Kb / 9P
DMOS THREE-PHASE PWM MOTOR DRIVER
logo
Texas Instruments
DRV8312 TI-DRV8312 Datasheet
981Kb / 28P
Three Phase PWM Motor Driver
DRV8312 TI-DRV8312_1 Datasheet
1Mb / 31P
Three Phase PWM Motor Driver
DRV8312 TI-DRV8312_11 Datasheet
1Mb / 32P
Three Phase PWM Motor Driver
DRV8332-HT TI1-DRV8332-HT Datasheet
425Kb / 25P
THREE PHASE PWM MOTOR DRIVER
DRV8332-HT TI1-DRV8332-HT Datasheet
421Kb / 26P
THREE PHASE PWM MOTOR DRIVER
DRV8312 TI1-DRV8312_14 Datasheet
1Mb / 36P
Three Phase PWM Motor Driver
DRV8312 TI1-DRV8312_15 Datasheet
1Mb / 39P
Three-Phase PWM Motor Driver
logo
Allegro MicroSystems
A3936 ALLEGRO-A3936 Datasheet
294Kb / 10P
DMOS Three-Phase PWM Motor Driver
logo
Texas Instruments
DRV8311 TI-DRV8311 Datasheet
2Mb / 87P
DRV8311 Three-Phase PWM Motor Driver
SLVSFN2 ??SEPTEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com