Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317HREER Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8317HREER
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317HREER Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8317HREER Datasheet HTML 4Page - Texas Instruments DRV8317HREER Datasheet HTML 5Page - Texas Instruments DRV8317HREER Datasheet HTML 6Page - Texas Instruments DRV8317HREER Datasheet HTML 7Page - Texas Instruments DRV8317HREER Datasheet HTML 8Page - Texas Instruments DRV8317HREER Datasheet HTML 9Page - Texas Instruments DRV8317HREER Datasheet HTML 10Page - Texas Instruments DRV8317HREER Datasheet HTML 11Page - Texas Instruments DRV8317HREER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
TJ = –40°C to +150°C, VVM = 4.5 to 20 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VL2
Input mode 2 voltage
47 kΩ ± 5% tied to AGND
0.27*AV
DD
0.4*AVD
D
0.545*AV
DD
V
VL3
Input mode 3 voltage
Hi-Z
0.606*AV
DD
0.757*AV
DD
0.909*AV
DD
V
VL4
Input mode 4 voltage
Tied to AVDD
0.94*AV
DD
AVDD
V
RPU
Input pullup resistance
To AVDD
48
kΩ
RPD
Input pulldown resistance
To AGND
160
kΩ
DRIVER OUTPUTS
RDS(ON)
Total MOSFET on resistance (High-side
+ Low-side)
VVM ≥ 6 V, IOUT = 1 A, TJ
= 25°C, includes bond wire and
metallization resistance
130
157
mΩ
VVM ≥ 6 V, IOUT = 1 A, TJ = 125°C,
across process, includes bond wire and
metallization resistance
180
221.5
mΩ
RDS(ON)
Total MOSFET on resistance (High-side
+ Low-side)
4.5 V ≤ VVM < 6 V, IOUT = 1 A, TJ = 25°C,
includes bond wire and metallization
resistance
155
210
mΩ
4.5 V ≤ VVM < 6 V, IOUT = 1 A, TJ
= 125°C,across process, includes bond
wire and metallization resistance
225
290
mΩ
SR_RISE
Phase pin slew rate switching low to high
(Rising from 20 % to 80 % of VM)
VVM = 12V, SLEW_RATE = 00b (SPI
Variant) or SLEW pin tied to AGND (HW
Variant)
13.75
25
36.25
V/µs
VVM = 12V, SLEW_RATE = 01b (SPI
Variant) or SLEW pin to 47 kΩ +/- 5%
tied to AGND (HW Variant)
27.5
50
72.5
V/µs
VVM = 12V, SLEW_RATE = 10b (SPI
Variant) or SLEW pin to Hi-Z (HW
Variant)
62.5
125
187.5
V/µs
VVM = 12V, SLEW_RATE = 11b (SPI
Variant) or SLEW pin tied to AVDD (HW
Variant)
80
200
320
V/µs
SR_FALL
Phase pin slew rate switching high to low
(Falling from 80 % to 20 % of VM)
VVM = 12V, SLEW_RATE = 00b (SPI
Variant) or SLEW pin tied to AGND (HW
Variant)
13.75
25
48
V/µs
VVM = 12V, SLEW_RATE = 01b (SPI
Variant) or SLEW pin to 47 kΩ +/- 5%
tied to AGND (HW Variant)
27.5
50
72.5
V/µs
VVM = 12V, SLEW_RATE = 10b (SPI
Variant) or SLEW pin to Hi-Z (HW
Variant)
62.5
125
187.5
V/µs
VVM = 12V, SLEW_RATE = 11b (SPI
Variant) or SLEW pin tied to AVDD (HW
Variant)
80
200
320
V/µs
ILEAK
Leakage current OUTx
VVM = VOUTx = 20 V, Standby State
0.7
2
mA
ILEAK
Leakage current OUTx
VOUTx = 0 V, Standby State
-50
-10
µA
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com