Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317HREER Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV8317HREER
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317HREER Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8317HREER Datasheet HTML 3Page - Texas Instruments DRV8317HREER Datasheet HTML 4Page - Texas Instruments DRV8317HREER Datasheet HTML 5Page - Texas Instruments DRV8317HREER Datasheet HTML 6Page - Texas Instruments DRV8317HREER Datasheet HTML 7Page - Texas Instruments DRV8317HREER Datasheet HTML 8Page - Texas Instruments DRV8317HREER Datasheet HTML 9Page - Texas Instruments DRV8317HREER Datasheet HTML 10Page - Texas Instruments DRV8317HREER Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
7.4 Thermal Information
THERMAL METRIC(1)
DRV8317
UNIT
REE (WQFN)
36
RθJA
Junction-to-ambient thermal resistance (JEDEC 4-layer PCB, 6 thermal vias)
36.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
23.7
°C/W
RθJB
Junction-to-board thermal resistance
14
°C/W
ΨJT
Junction-to-top characterization parameter
0.6
°C/W
ΨJB
Junction-to-board characterization parameter
14
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Electrical Characteristics
TJ = –40°C to +150°C, VVM = 4.5 to 20 V (unless otherwise noted). Typical limits apply for TA = 25°C, VVM = 12 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES
IVMQ
VM sleep mode current
VVM = 12 V, nSLEEP = 0, TA = 25 °C
1.7
3
µA
nSLEEP = 0, TA = 125 °C
10
µA
IVMS
VM standby mode current
VVM = 12 V, nSLEEP = 1, INHx = INLx =
0, SPI = 'OFF', TA = 25 °C
8
10
mA
nSLEEP = 1, INHx = INLx = 0, SPI =
'OFF'
8
10
mA
IVM
VM operating mode current
VVM = 12 V, nSLEEP = 1, fPWM = 25 kHz,
TA = 25 °C
10
12
mA
VVM = 12 V, nSLEEP = 1, fPWM = 200
kHz, TA = 25 °C
10
14
mA
nSLEEP =1, fPWM = 25 kHz
10
12
mA
nSLEEP =1, fPWM = 200 kHz
10
15
mA
VAVDD
Analog regulator voltage
VVM ≥ 6V, VVIN_AVDD ≥ 6V, 0 mA ≤ IAVDD ≤
80 mA
3.15
3.3
3.45
V
VAVDD
Analog regulator voltage
4.5V ≤ VVM < 6V, 4.5V ≤ VVIN_AVDD < 6V,
0 mA ≤ IAVDD ≤ 80 mA
3.15
3.3
3.45
V
IAVDD
Analog regulator external load
4.5V ≤ VVM < 6V, 4.5V ≤ VVIN_AVDD < 6V
80
mA
IAVDD
Analog regulator external load
VVM ≥ 6V, VVIN_AVDD ≥ 6V
80
mA
IAVDD_LIM
Analog regulator current limit
VAVDD ≥ 2.7V, soft short to GND
100
125
150
mA
CAVDD
Capacitance for AVDD
External load IAVDD = 0 mA
0.5
2.2
7.05
uF
External load 0mA ≤ IAVDD ≤ 80 mA
2.35
4.7
7.05
uF
VCP
Charge pump regulator voltage
4.5V ≤ VVM < 6V, CP with respect to VM
3
5
5.5
V
VCP
Charge pump regulator voltage
VVM ≥ 6V, CP with respect to VM
4.5
5
5.5
V
tWAKE
Wakeup time
VVM > VUVLO, nSLEEP = 1 to output
ready
1
3
ms
tWAKE_CSA
Wakeup time for CSA
VCSAREF > VCSAREF_UV to SOx ready,
when nSLEEP = 1
30
µs
tSLEEP
Turn-off time
nSLEEP = 0 to driver tri-stated
100
200
µs
tRST
Reset Pulse time
nSLEEP = 0 period to reset faults
15
50
µs
FOUR-LEVEL INPUTS (GAIN, MODE, SLEW)
VL1
Input mode 1 voltage
Tied to AGND
0
0.2*AVD
D
V
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com