Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA232 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA232
Description  INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA232 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA232 Datasheet HTML 2Page - Texas Instruments INA232 Datasheet HTML 3Page - Texas Instruments INA232 Datasheet HTML 4Page - Texas Instruments INA232 Datasheet HTML 5Page - Texas Instruments INA232 Datasheet HTML 6Page - Texas Instruments INA232 Datasheet HTML 7Page - Texas Instruments INA232 Datasheet HTML 8Page - Texas Instruments INA232 Datasheet HTML 9Page - Texas Instruments INA232 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
at TA = 25°C, VS = 3.3 V, VSENSE = VIN+ – VIN– = 0 mV, VIN- = VBUS = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SMBUS
SMBUS timeout
28
35
ms
DIGITAL INPUT / OUTPUT
Input capacitance
3
pF
VIH
Logic input level, high
VS = 1.7 V to 5.5 V, TA = –40°C to +125°C
0.9
5.5
V
VIL
Logic input level, low
VS = 1.7 V to 5.5 V, TA = –40°C to +125°C
0
0.4
V
VHYS
Hysteresis
130
mV
VOL
Logic output level, low
IOL = 3 mA, VS = 1.7 V to 5.5 V, TA =
–40°C to +125°C
0
0.3
V
Digital leakage input current
0 ≤ VINPUT ≤ VS
–1
1
µA
INA232
SBOSAA2 – DECEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com