Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA232 Datasheet(PDF) 23 Page - Texas Instruments

Part # INA232
Description  INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA232 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA232 Datasheet HTML 19Page - Texas Instruments INA232 Datasheet HTML 20Page - Texas Instruments INA232 Datasheet HTML 21Page - Texas Instruments INA232 Datasheet HTML 22Page - Texas Instruments INA232 Datasheet HTML 23Page - Texas Instruments INA232 Datasheet HTML 24Page - Texas Instruments INA232 Datasheet HTML 25Page - Texas Instruments INA232 Datasheet HTML 26Page - Texas Instruments INA232 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The INA232 is a current shunt monitor with an I2C- and SMBus-compatible interface. The device monitors
a shunt voltage drop to calculate the current and bus voltage at IN– pin to determine power. Programmable
calibration value, conversion times, and averaging (combined with an internal multiplier) enable direct readouts
of current in amperes and power in watts.
8.1.1 Device Measurement Range and Resolution
The INA232 device supports two input ranges for the shunt voltage measurement. The supported full scale
differential input across the IN+ and IN– pins can be either ±81.92 mV or ±20.48 mV depending on the
ADCRANGE bit in the Configuration Register (0h) register. The range for the bus voltage measurement at the
IN- pin is from 0 V to 52.42 V, but is limited by process ratings to the max operating voltage.
Table 8-1 provides a description of full scale voltage on shunt and bus voltage measurements, along with their
associated resolution.
Table 8-1. ADC Full Scale Values
PARAMETER
FULL SCALE VALUE
RESOLUTION
Shunt voltage
±81.92 mV (ADCRANGE = 0)
2.5 µV/LSB
±20.48 mV (ADCRANGE = 1)
625 nV/LSB
Bus voltage
0 V to 52.4 V (Limit usable range to recommended operating
voltage)
1.6 mV/LSB
The device shunt voltage and bus voltage measurements are read through the Shunt Voltage register (1h) and
Bus Voltage register (2h), respectively. The digital output in shunt voltage and bus voltage registers is 16 bits.
The shunt voltage measurement can be positive or negative due to bidirectional currents in the system; therefore
the data value in shunt voltage register can be positive or negative. The bus voltage register data value is always
positive. The output data can be directly converted into voltage by multiplying the digital value by its respective
resolution size.
Furthermore, the device provides the flexibility to report calculated current in Amperes, power in Watts, as
described in Current and Power Calculations.
8.1.2 Current and Power Calculations
For the INA232 to report current values in Amperes, a constant conversion value must be written in the
calibration register that is dependent on the selected CURRENT_LSB and the shunt resistance used in the
application. The value of the calibration register is calculated based on Equation 1. The term CURRENT_LSB is
the chosen LSB step size for the CURRENT register where the current is stored. Equation 2 shows the minimum
value of CURRENT_LSB is based on the maximum expected current, and it directly defines the maximum
resolution of the CURRENT register. While the smallest CURRENT_LSB value yields highest resolution, it is
common to select a higher round-number (no higher than 8x) value for the CURRENT_LSB to simplify the
conversion of the CURRENT.
www.ti.com
INA232
SBOSAA2 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com