Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA232 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA232
Description  INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA232 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA232 Datasheet HTML 15Page - Texas Instruments INA232 Datasheet HTML 16Page - Texas Instruments INA232 Datasheet HTML 17Page - Texas Instruments INA232 Datasheet HTML 18Page - Texas Instruments INA232 Datasheet HTML 19Page - Texas Instruments INA232 Datasheet HTML 20Page - Texas Instruments INA232 Datasheet HTML 21Page - Texas Instruments INA232 Datasheet HTML 22Page - Texas Instruments INA232 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
Table 7-4. Configuration Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
8-6
VBUSCT
R/W
100b
Sets the conversion time of the VBUS measurement
000b = 140 µs
001b = 204 µs
010b = 332 µs
011b = 588 µs
100b = 1100 µs
101b = 2116 µs
110b = 4156 µs
111b = 8244 µs
5-3
VSHCT
R/W
100b
Sets the conversion time of the SHUNT measurement
000b = 140 µs
001b = 204 µs
010b = 332 µs
011b = 588 µs
100b = 1100 µs
101b = 2116 µs
110b = 4156 µs
111b = 8244 µs
2-0
MODE
R/W
111b
Operating mode, modes can be selected to operate the device either in
Shutdown mode, continuous mode or triggered mode.
The mode also allows user to select mux settings to set continuous or
triggered mode on bus voltage, shunt voltage measurement.
000b = Shutdown
001b = Shunt Voltage triggered, single shot
010b = Bus Voltage triggered, single shot
011b = Shunt voltage and Bus voltage triggered, single shot
100b = Shutdown
101b = Continuous Shunt voltage
110b = Continuous Bus voltage
111b = Continuous Shunt and Bus voltage
Return to the Summary Table.
7.6.1.2 Shunt Voltage Register (Address = 1h) [reset = 0000h]
The Shunt Voltage Register stores the current shunt voltage reading, VSHUNT and is show in Table 7-5. Negative
numbers are represented in two's complement format. Generate the two's complement of a negative number by
complementing the absolute value binary number and adding 1. An MSB = '1' denotes a negative number.
Example: For a value of VSHUNT = –80 mV:
1. Take the absolute value: 80 mV
2. Translate this number to a whole decimal number (80 mV ÷ 2.5 µV) = 32000
3. Convert this number to binary = 0111 1101 0000 0000
4. Complement the binary result = 1000 0010 1111 1111
5. Add '1' to the complement to create the two's complement result = 1000 0011 0000 0000 = 8300h
If averaging is enabled, this register displays the averaged value.
Table 7-5. Shunt Voltage Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
VSHUNT
R
0000h
Differential voltage measured across the shunt output. Two's
complement value.
Return to the Summary Table.
www.ti.com
INA232
SBOSAA2 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com