Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA232 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA232
Description  INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA232 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA232 Datasheet HTML 9Page - Texas Instruments INA232 Datasheet HTML 10Page - Texas Instruments INA232 Datasheet HTML 11Page - Texas Instruments INA232 Datasheet HTML 12Page - Texas Instruments INA232 Datasheet HTML 13Page - Texas Instruments INA232 Datasheet HTML 14Page - Texas Instruments INA232 Datasheet HTML 15Page - Texas Instruments INA232 Datasheet HTML 16Page - Texas Instruments INA232 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
• Shunt voltage underlimit (SUL)
• Bus voltage overlimit (BOL)
• Bus voltage underlimit (BUL)
• Power overlimit (POL)
The ALERT pin is an open-drain output. This pin is asserted when the alert function selected in the Mask/Enable
register exceeds the value programmed into the Alert Limit register. Only one of these alert functions can be
enabled and monitored at a time. If multiple alert functions are enabled, the selected function in the highest
significant bit position takes priority and responds to the Alert Limit register value. For example, if the SOL and
the SUL are both selected, the ALERT pin asserts when the Shunt Voltage Over Limit register exceeds the value
in the Alert Limit register.
The conversion-ready state of the device can also be monitored at the ALERT pin to inform the user when the
device has completed the previous conversion and is ready to begin a new conversion. The conversion ready
flag (CVRF) bit can be monitored at the ALERT pin along with one of the alert functions. If an alert function
and the CNVR bit are both enabled for monitoring at the ALERT pin, then after the ALERT pin is asserted, the
CVRF bit (D3) and the AFF bit (D4) in the Mask/Enable register must be read following the alert to determine the
source of the alert. If the conversion ready feature is not desired, and the CNVR bit is not set, the ALERT pin
only responds to an exceeded alert limit based on the alert function enabled.
If the alert function is not used, the ALERT pin can be left floating without impacting the operation of the device.
Refer to Figure 7-1 to see the relative timing of when the value in the Alert Limit register is compared to the
corresponding converted value. For example, if the alert function that is enabled is Shunt Voltage Over Limit
(SOL), following every shunt voltage conversion the value in the Alert Limit register is compared to the measured
shunt voltage to determine if the measurements have exceeded the programmed limit. The AFF bit (D4, Mask/
Enable register) asserts high any time the measured voltage exceeds the value programmed into the Alert Limit
register. In addition to the AFF bit being asserted, the ALERT pin is asserted based on the Alert Polarity bit
(APOL, D1, Mask/Enable register). If the Alert Latch is enabled, the AFF bit and ALERT pin remain asserted until
either the Configuration register is written to or the Mask/Enable register is read.
The bus voltage alert functions (BOL and BUL, Mask/Enable register) compare the measured bus voltage to
the Alert Limit register following every bus voltage conversion and assert the AFF bit and ALERT pin if the limit
threshold is exceeded.
The power overlimit alert function (POL, Mask/Enable register) is also compared to the calculated power value
following every bus voltage measurement conversion and asserts the AFF bit and ALERT pin if the limit
threshold is exceeded.
The alert function compares the programmed alert limit value to the result of each corresponding conversion.
Therefore, an alert can be issued during a conversion cycle where the averaged value of the signal does not
exceed the alert limit. Triggering an alert based on this intermediate conversion allows for out-of-range events
to be detected faster than the averaged output data registers are updated. This fast detection can be used to
create alert limits for quickly changing conditions through the use of the alert function, as well as to create limits
to longer-duration conditions through software monitoring of the averaged output values.
7.4 Device Functional Modes
7.4.1 Continuous Verses Triggered Operation
The INA232 has two operating modes, continuous and triggered, that determine how the ADC operates
after these conversions. When the INA232 is in the normal operating mode (that is, the MODE bits of the
Configuration register are set to '111'), it continuously converts a shunt voltage reading followed by a bus voltage
reading.
In triggered mode, writing any of the triggered convert modes into the Configuration register (0h) (that is, the
MODE bits of the Configuration register are set to 001) triggers a single-shot conversion. This action produces a
single set of measurements. To trigger another single-shot conversion, the Configuration register must be written
to again, even if the mode does not change.
www.ti.com
INA232
SBOSAA2 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com