Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA232 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA232
Description  INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA232 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA232 Datasheet HTML 14Page - Texas Instruments INA232 Datasheet HTML 15Page - Texas Instruments INA232 Datasheet HTML 16Page - Texas Instruments INA232 Datasheet HTML 17Page - Texas Instruments INA232 Datasheet HTML 18Page - Texas Instruments INA232 Datasheet HTML 19Page - Texas Instruments INA232 Datasheet HTML 20Page - Texas Instruments INA232 Datasheet HTML 21Page - Texas Instruments INA232 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
7.6 Register Maps
7.6.1 Device Registers
Table 7-2 lists the INA232 registers. All register locations not listed in Table 7-2 should be considered as
reserved locations and the register contents should not be modified.
Table 7-2. INA232 Registers
Address
Register Name
Register Size (bits)
Reset Value
Section
0h
Configuration Register
16
4127h
Go
1h
Shunt Voltage Register
16
0000h
Go
2h
Bus Voltage Register
16
0000h
Go
3h
Power Register
16
0000h
Go
4h
Current Register
16
0000h
Go
5h
Calibration Register
16
0000h
Go
6h
Mask/Enable Register
16
0000h
Go
7h
Alert Limit Register
16
0000h
Go
3Eh
Manufacturer ID Register
16
5449h
Go
Complex bit access types are encoded to fit into small table cells. Table 7-3 shows the codes that are used for
access types in this section.
Table 7-3. Device Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
7.6.1.1 Configuration Register (Address = 0h) [reset = 4127h]
The configuration register is shown in Table 7-4.
Table 7-4. Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RST
R/W
0b
Set this bit to '1' to generate a system reset that is the same as power-
on reset.
Resets all registers to default values and then self-clears.
0b = Normal Operation
1b = System Reset self clears registers to default values
14-13
Reserved
R
10b
Reserved value always returns 10b
12
ADCRANGE
R/W
0b
Enables the selection of the shunt full scale input across IN+ and IN–.
0b = ±81.92 mV
1b = ±20.48 mV
11-9
AVG
R/W
000b
Sets the number of ADC conversion results to be averaged. The read-
back registers are updated after averaging is completed.
000b = 1
001b = 4
010b = 16
011b = 64
100b = 128
101b = 256
110b = 512
111b = 1024
INA232
SBOSAA2 – DECEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com