Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA232 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA232
Description  INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA232 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA232 Datasheet HTML 12Page - Texas Instruments INA232 Datasheet HTML 13Page - Texas Instruments INA232 Datasheet HTML 14Page - Texas Instruments INA232 Datasheet HTML 15Page - Texas Instruments INA232 Datasheet HTML 16Page - Texas Instruments INA232 Datasheet HTML 17Page - Texas Instruments INA232 Datasheet HTML 18Page - Texas Instruments INA232 Datasheet HTML 19Page - Texas Instruments INA232 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
7.5.2 Writing to and Reading Through the I2C Serial Interface
Accessing a specific register on the INA232 is accomplished by writing the appropriate value to the register
pointer. Refer to Register Maps for a complete list of registers and corresponding addresses. The value for the
register pointer (see Figure 7-5) is the first byte transferred after the target address byte with the R/W bit low.
Every write operation to the device requires a value for the register pointer.
Writing to a register begins with the first byte transmitted by the controller. This byte is the target address,
with the R/W bit low. The device then acknowledges receipt of a valid address. The next byte transmitted by
the controller is the address of the register to be accessed. This register address value updates the register
pointer to the desired internal device register. The next two bytes are written to the register addressed by the
register pointer. The device acknowledges receipt of each data byte. The controller may terminate data transfer
by generating a start or stop condition.
When reading from the device, the last value stored in the register pointer by a write operation determines which
register is read during a read operation. To change the register pointer for a read operation, a new value must
be written to the register pointer. This write is accomplished by issuing a target address byte with the R/ W bit
low, followed by the register pointer byte. No additional data are required. The controller then generates a start
condition and sends the address byte for the target with the R/W bit high to initiate the read command. The next
byte is transmitted by the target and is the most significant byte of the register indicated by the register pointer.
This byte is followed by an Acknowledge from the controller; then the target transmits the least significant byte.
The controller may or may not acknowledge receipt of the second data byte. The controller may terminate data
transfer by generating a Not-Acknowledge after receiving any data byte, or generating a start or stop condition.
If repeated reads from the same register are desired, it is not necessary to continually send the register pointer
bytes; the device retains the register pointer value until it is changed by the next write operation.
Figure 7-3 shows the write operation timing diagram. Figure 7-4 shows the read operation timing diagram. These
diagrams are shown for reading/writing to 16 bit registers.
Register bytes are sent most-significant byte first, followed by the least significant byte.
Frame 1 Two-Wire Target Address Byte
(1)
Frame 2 Register Pointer Byte
Start By
Controller
ACK By
Target
ACK By
Target
1
9
1
ACK By
Target
1
D15 D14
D13
D12 D11 D10
D9
D8
9
9
SDA
SCL
1
0
0
A3
A2
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Frame 4 Data LSByte
Frame 3 Data MSByte
ACK By
Target
Stop By
Controller
1
D7
D6
D5
D4
D3
D2
D1
D0
9
A.
The value of the Target Address byte is determined by the setting of the A0 address pin. Refer to Table 7-1.
B.
The device does not support packet error checking (PEC) or perform clock stretching.
Figure 7-3. Timing Diagram for Write Word Format
Frame 1 Two-Wire Target Address Byte
(1)
Frame 2 Data MSByte
(2)
1
Start By
Controller
ACK By
Target
ACK By
Controller
From
Target
1
9
1
9
SDA
SCL
0
0
A3
R/W
D15 D14 D13
D12
D11 D10
D9
D8
A2
A1
A0
Frame 3 Data LSByte
(2)
Stop
No ACK By
(3)
Controller
From
Target
1
9
D7
D6
D5
D4
D3
D2
D1
D0
A.
The value of the Target Address byte is determined by the setting of the A0 address pin. Refer to Table 7-1.
B.
Read data is from the last register pointer location. If a new register is desired, the register pointer must be updated. See Figure 7-5.
C.
ACK by the controller can also be sent.
D.
The device does not support packet error checking (PEC) or perform clock stretching.
Figure 7-4. Timing Diagram for Read Word Format
INA232
SBOSAA2 – DECEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com