Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3306AACBZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC3306AACBZ-R7
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306AACBZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  LTC3306AACBZ-R7 Datasheet HTML 1Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 2Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 3Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 4Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 5Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 6Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 7Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 8Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3306
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range (Note 2), otherwise specifications are at TA = 25°C. VIN = 4V, VEN = VIN unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
Operating Supply Voltage (VIN)
l
2.25
5.5
V
VIN Undervoltage Lockout
Hysteresis
VIN Rising
l
2.0
2.1
150
2.2
V
mV
VIN Quiescent Current in Shutdown
VEN = 0.1V
1
2
µA
VIN Quiescent Current (Note 3)
Burst Mode Operation, Sleeping
All Modes, Not Sleeping
40
1.2
60
2
µA
mA
Enable Threshold
Hysteresis
VEN Rising
l
0.375
0.400
50
0.425
V
mV
EN Pin Leakage
VEN = 0.5V
±20
nA
Voltage Regulation
Regulated FB or Output Voltage (FB or VOUT)
% of Selected FB or VOUT
0.5V ≤ (FB or VOUT) ≤ 3.65V
l
99
100
101
%
Feedback Voltage Line Regulation
VIN = MAX(2.25V, VOUT + 150mV) to 5.5V
0.02
0.1
%/V
Feedback Voltage Load Regulation
0.01
0.1
%/A
Minimum On-Time (tON,MIN)
VIN = 5.5V
l
22
42
ns
Maximum Duty Cycle
l
100
%
Top Switch ON-Resistance
Bottom Switch ON-Resistance
100
30
mΩ
mΩ
Top Switch Current Limit (IPEAKMAX)
2.5
2.75
3.0
A
Bottom Switch Current Limit (IVALLEYMAX)
2
2.3
2.6
A
Bottom Switch Reverse Current Limit (IREVMAX) LTC3306C
–1.35
–0.9
–0.4
A
SW Leakage Current
±100
nA
Power Good and Soft-Start
PGOOD Threshold (Rising)
Hysteresis
Percentage of Regulated VOUT
l
l
97
0.7
98
1.2
99
1.7
%
%
VOUT Overvoltage Threshold (Rising)
Hysteresis
Percentage of Regulated VOUT
l
l
107
1
110
2.2
114
3.5
%
%
PGOOD Delay
100
µs
PGOOD Pull-Down Resistance
VPGOOD = 0.1V
10
20
Ω
PGOOD Leakage
VPGOOD = 5.5V
20
nA
Soft-Start Duration
VOUT Rising from 0V to PGOOD Threshold
l
0.25
1
3
ms
Oscillator
Default Oscillator Frequency
LTC3306A, LTC3306C
1.9
2
2.1
MHz
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3306AA is tested under pulsed load conditions such
that TJ ≈ TA. The LTC3306CA is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LTC3306CA is guaranteed over the –40°C to 125°C operating junction
temperature range.
High junction temperatures degrade operating lifetimes; operating lifetime
is derated for junction temperatures above 125°C. Note that the maximum
ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal impedance, and other environmental factors. The junction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com