Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3306AACBZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # LTC3306AACBZ-R7
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306AACBZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC3306AACBZ-R7 Datasheet HTML 8Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 9Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 10Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 11Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 12Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 13Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 14Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 15Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3306
14
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
VIN UVLO 2.8V, 2MHz, 1.8V, 1.75A Burst Mode Step-Down Converter Powered from Lithium-Ion Battery
VIN UVLO at 4.5V, 2MHz, 1.2V, 1.75A and 3.3V, 1.75A, Forced Continuous Mode Step-Down Converters with Power-Up Sequencing
100k
10µF
22µF
10µF
22µF
20k
3.57k
33pF
953k
100k
100k
174k
100k
VIN
4.5V TO
5.5V
VIN
EN
PGOOD
GND
SW
VOUT
VOUT1
1.2V
1.75A
VIN
EN
PGOOD
GND
SW
FB
VOUT2
3.3V
1.75A
VOUT1
L = DFE18SAN1R0MG0L
L = DFE18SAN1R0MG0L
L
1µH
3306 TA05
L
1µH
LTC3306C
LTC3306C-1.2
fOSC = 2MHz
fOSC = 2MHz
562k
100k
10µF
22µF
294k
113k
2.2pF
100k
VIN
EN
PGOOD
GND
SW
FB
VOUT
1.8V
1.75A
Li-Ion
4.2V
+
L = DFE18SAN1R0MG0L
L
1µH
fOSC = 2MHz
3306 TA06
LTC3306A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com