Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3306AACBZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC3306AACBZ-R7
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306AACBZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC3306AACBZ-R7 Datasheet HTML 8Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 9Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 10Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 11Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 12Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 13Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 14Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 15Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3306
16
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2023
01/23
www.analog.com
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LTC3307A/
LTC3307B
5V, 3A Synchronous Step-Down
Silent Switcher
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 3A at Switching Frequencies
Up to 3MHz/10MHz, Silent Switcher Architecture for Ultralow EMI Emissions, 2.25V to
5.5V Input Operating Range, 0.5V to VIN Output Voltage Range with ±1% Accuracy, PGOOD
Indication, RT Programming, SYNC Input, 2mm × 2mm LQFN
LTC3308A/
LTC3308B
5V, 4A Synchronous Step-Down
Silent Switcher
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 4A at Switching Frequencies
Up to 3MHz/10MHz, Silent Switcher Architecture for Ultralow EMI Emissions, 2.25V to
5.5V Input Operating Range, 0.5V to VIN Output Voltage Range with ±1% Accuracy, PGOOD
Indication, RT Programming, SYNC Input, 2mm × 2mm LQFN
LTC3309A/
LTC3309B
5V, 6A Synchronous Step-Down
Silent Switcher
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 6A at Switching Frequencies
Up to 3MHz/10MHz, Silent Switcher Architecture for Ultralow EMI Emissions, 2.25V to
5.5V Input Operating Range, 0.5V to VIN Output Voltage Range with ±1% Accuracy, PGOOD
Indication, RT Programming, SYNC Input, 2mm × 2mm LQFN
LTC3310S
5V, 10A Synchronous Step-Down
Silent Switcher 2
Monolithic Synchronous Step-Down DC/DC Capable of Supplying 10A at Switching Frequencies
Up to 5MHz, Silent Switcher Architecture for Ultralow EMI Emissions, 2.25V to 5.5V Input
Operating Range, 0.5V to VIN Output Voltage Range with ±1% Accuracy, PGOOD Indication, RT
Programming, SYNC Input, Configurable for Paralleling Power Stages, 3mm × 3mm LQFN
LTC3315A/
LTC3315B
Dual 5V, 2A Synchronous Step-Down
DC/DCs
Dual Monolithic Synchronous Step-Down Voltage Regulators each Capable of Supplying 2A at
Switching Frequencies up to 3MHz/10MHz, 2.25V to 5.5V Input Operating Range, 0.5V to VIN
Output Voltage Range with ±1% Accuracy, PGOOD Indication, SYNC Input, 2mm × 2mm LQFN
LTC3370/
LTC3371
4-Channel 8A Configurable 1A Buck
DC/DCs
Four Synchronous Buck Regulators with 8 × 1A Power Stages, Can Connect Up to Four
Power Stages in Parallel to Make a High Current Output (4A Maximum) with a Single Inductor,
8 Output Configurations Possible, Precision PGOOD Indication, LTC3371 Has a Watchdog
Timer, LTC3370: 32-Lead 5mm × 5mm QFN, LTC3371: 38-Lead 5mm × 7mm QFN and TSSOP
LTC3374A
8-Channel Parallelable 1A Buck DC/DCs Eight 1A Synchronous Buck Regulators, Can Connect Up to Four Power Stages in Parallel to Make
a High Current Output (4A Maximum) with a Single Inductor, 15 Output Configurations Possible,
Precision Enable inputs and PGOOD_ALL Reporting, 38-Lead 5mm × 7mm QFN and TSSOP
LTC3375
8-Channel Parallelable 1A Buck DC/DCs Eight 1A Synchronous Buck Regulators, Can Connect Up to Four Power Stages in Parallel to
Make a High Current Output (4A Maximum) with a Single Inductor, 15 Output Configurations
Possible, Precision Enable Inputs and PGOOD_ALL Reporting, I2C Programming with a
Watchdog Timer and Pushbutton, 48-Lead 7mm × 7mm QFN
LTC3412A
3A, 4MHz, Monolithic Synchronous
Step-Down Regulator
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.8V, IQ = 64µA, ISD < 1µA,
4mm × 4mm QFN-16 Package
LTC3616
5.5V, 6A, 4MHz, Synchronous
Step-Down DC/DC Converter
95% Efficiency, VIN: 2.25V to 5.5V, VOUT(MIN) = 0.6V, IQ = 75µA, ISD < 1µA,
3mm × 5mm QFN-24 Package
VIN UVLO at 2.25V, 2MHz, 1.2V, 1.75A, Forced Continuous Mode Step-Down Converter
402k
100k
100k
10µF
L
1µH
22µF
20k
14.3k
33pF
VIN
2.25V TO
5.5V
VIN
EN
PGOOD
GND
SW
FB
LTC3306C
VOUT
1.2V
1.75A
L = DFE18SAN1R0MG0L
3306 TA02
fOSC = 2MHz
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com