Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3306AACBZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3306AACBZ-R7
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306AACBZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3306AACBZ-R7 Datasheet HTML 5Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 6Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 7Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 8Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 9Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 10Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 11Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 12Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3306
9
Rev. 0
For more information www.analog.com
OPERATION
Output Voltage Soft-Start
Soft-starting the output is needed to prevent current
surge from the input supply and output voltage overshoot
during initial start-up or after a fault condition. During
soft-start, the output voltage will proportionally track an
internal voltage ramp. This ramp voltage is reset if the
EN pin transitions low (into shutdown), or during a fault
condition, allowing for graceful fault recovery. Fault condi-
tions that reset the soft-start ramp are VIN UVLO, output
short-circuit, and thermal shutdown.
Dropout Operation
As the input supply voltage approaches the output volt-
age, the duty cycle increases toward 100%. Further
reduction of the supply voltage forces the main switch to
remain on for more than one cycle, eventually reaching
100% duty cycle. The output voltage during dropout will
then be determined by the input voltage minus the DC
voltage drop across the internal P-channel MOSFET and
the inductor.
Low Supply Operation
The LTC3306 is designed to operate down to an input
supply voltage of 2.25V. One important consideration at
low input supply voltages is that the RDS(ON)s of the inter-
nal power switches increase. Calculate the worst-case
LTC3306 power dissipation and die junction temperature
at the lowest applicable input voltages.
Output Short-Circuit Protection and Recovery
When the output is shorted to ground, the inductor cur-
rent decays very slowly when the bottom power switch
is on, because the voltage across the inductor is low. To
keep the inductor current in control, a secondary limit is
imposed on the valley of the inductor current. If the induc-
tor current measured through the bottom power switch is
greater than IVALLEYMAX, the top power switch will be held
off, preventing a further increase in current. Subsequent
switching cycles will be skipped until the inductor current
is reduced below IVALLEYMAX.
Recovery from an output short-circuit initiates a soft-start
cycle. When VOUT falls below regulation, as defined by the
PGOOD threshold, the VOUT voltage will not be allowed to
rise faster than the internal soft-start ramp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com