Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3306AACBZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC3306AACBZ-R7
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306AACBZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC3306AACBZ-R7 Datasheet HTML 3Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 4Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 5Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 6Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 7Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 8Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 9Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 10Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3306
7
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
PGOOD (A1): PGOOD is the open-drain output of an inter-
nal power good comparator. When the regulated output
voltage falls below the PGOOD threshold or rises above
the overvoltage threshold, PGOOD is pulled low. When
VIN is above 2.25V and the part is in shutdown, this pin
is also pulled low.
GND (A2): GND is the output voltage remote ground sense
and the return path of the internal bottom side power
switch. Connect the negative terminals of the input and
output capacitors as close to the IC as possible.
EN (B1): EN has a precision enable threshold with hyster-
esis. An external resistor divider, from VIN or from another
supply, can be used to program the threshold below which
the LTC3306 will shut down. If the precision threshold is
not required, tie EN directly to VIN. When the EN pin is low,
the LTC3306 enters a low current shutdown mode where
all internal circuitry is disabled. Do not float this pin.
SW (B2): SW is the switching output of the internal
power switches. Connect SW to the inductor with a short,
wide trace.
FB (C1): FB is the output voltage feedback pin for the
LTC3306 adjustable version. The FB pin is regulated to
500mV. Connect an external resistor divider on this pin
to set the output voltage.
VOUT (C1): VOUT is the regulated output voltage pin for
the LTC3306 fixed voltage versions. Connect a low-ESR
capacitor from this node to GND.
VIN (C2): VIN supplies current to the internal circuitry and
topside power switch. Connect a low-ESR capacitor from
this node to GND.
BLOCK DIAGRAM
+
–
0.4V
FAULT
FAULT
+
–
0.55V
+
–
0.49V
SS
ISS
3306 BD
VIN
VIN
SW
GND
FB OR
VOUT
PGOOD
L
COUT
VOUT
CIN
VIN
CSS
SWITCH LOGIC
AND
ANTI-SHOOT
THROUGH
Q
S
R
BURST
DETECT
+
–
OSCILLATOR
INTERNAL
REFERENCE
SLOPE
COMP
EN
R1
(OPT)
R2
(OPT)
0.55V
0.5V
0.49V
RC
CC
gm
0.5V
VC
C1
A1
B1
CMP
C2
B2
A2
RB
RA
NOTES:
1. FOR THE LTC3306 ADJUSTABLE VERSION, PIN C1 IS FB. FB IS HIGH IMPEDANCE AND RB
RESISTANCE IS INFINITE.
2. FOR THE LTC3306 FIXED OUTPUT VOLTAGE VERSIONS, PIN C1 IS VOUT. RB IS INTERNALLY SET
FOR THE REGULATION TARGET. VOUT PIN IS NOT HIGH IMPEDANCE AND WILL REGULATE TO
THE OUTPUT VOLTAGE TARGET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com