Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3306AACBZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3306AACBZ-R7
Description  1.75A Synchronous Step-Down Regulator in 1.6mm × 1mm WLCSP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306AACBZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  LTC3306AACBZ-R7 Datasheet HTML 1Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 2Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 3Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 4Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 5Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 6Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 7Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 8Page - Analog Devices LTC3306AACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3306
4
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
LTC3306C-1.2 Regulation Voltage
vs Temperature
Minimum On-Time vs
Input Voltage
Minimum On-Time
vs Temperature
VIN = 3.3V, TA = 25°C, unless otherwise noted.
Switch On-Resistance
vs Input Voltage
Switch On-Resistance
vs Temperature
Switching Frequency
vs Input Voltage
ILOAD = 0A
ILOAD = 1.5A
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
3306 G01
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
10
20
30
40
50
60
3306 G02
2.5V
3.3V
5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
10
20
30
40
50
60
3306 G03
PMOS
NMOS
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
0
25
50
75
100
125
150
175
200
3306 G04
PMOS
NMOS
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
25
50
75
100
125
150
175
200
3306 G05
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
3306 G06
temperature (TJ in °C) is calculated from ambient temperature (TA in °C)
and power dissipation (PD in Watts) according to the formula: TJ = TA +
(PD • θJA), where θJA (in °C/W) is the package thermal impedance.
The LTC3306 includes overtemperature protection that protects the device
during momentary overload conditions. Junction temperatures will exceed
150°C when overtemperature protection is engaged. Continuous operation
above the specified maximum operating junction temperature may impair
device reliability.
Note 3: Supply current specification does not include switching currents.
Actual supply currents will be higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com