Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS816272CC Datasheet(PDF) 29 Page - GSI Technology

Part # GS816272CC
Description  256K x 72 18Mb S/DCD Sync Burst SRAMs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816272CC Datasheet(HTML) 29 Page - GSI Technology

Back Button GS816272CC Datasheet HTML 23Page - GSI Technology GS816272CC Datasheet HTML 24Page - GSI Technology GS816272CC Datasheet HTML 25Page - GSI Technology GS816272CC Datasheet HTML 26Page - GSI Technology GS816272CC Datasheet HTML 27Page - GSI Technology GS816272CC Datasheet HTML 28Page - GSI Technology GS816272CC Datasheet HTML 29Page - GSI Technology GS816272CC Datasheet HTML 30Page - GSI Technology GS816272CC Datasheet HTML 31Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
GS816272CC-333/300/250/200/150
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 2/2005
29/31
© 2004, GSI Technology
209 BGA Package Drawing (Package C)
14 mm x 22 mm Body, 1.0 mm Bump Pitch, 11 x 19 Bump Array
Symbol
Min
Typ
Max
Units
Symbol
Min
Typ
Max
Units
A
—
—
1.70
mm
D1
—
18.0 (BSC)
—
mm
A1
0.40
0.50
0.60
mm
E
13.9
14.0
14.1
mm
∅b
0.50
0.60
0.70
mm
E1
—
10.0 (BSC)
—
mm
c
0.31
0.36
0.38
mm
e
—
1.00 (BSC)
—
mm
D
21.9
22.0
22.1
mm
aaa
—0.15—
mm
Rev 1.0
A
A1
C
∅b
e
e
D1
D
aaa
Bottom View
Side View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com