Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS816272CC Datasheet(PDF) 15 Page - GSI Technology

Part # GS816272CC
Description  256K x 72 18Mb S/DCD Sync Burst SRAMs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816272CC Datasheet(HTML) 15 Page - GSI Technology

Back Button GS816272CC Datasheet HTML 11Page - GSI Technology GS816272CC Datasheet HTML 12Page - GSI Technology GS816272CC Datasheet HTML 13Page - GSI Technology GS816272CC Datasheet HTML 14Page - GSI Technology GS816272CC Datasheet HTML 15Page - GSI Technology GS816272CC Datasheet HTML 16Page - GSI Technology GS816272CC Datasheet HTML 17Page - GSI Technology GS816272CC Datasheet HTML 18Page - GSI Technology GS816272CC Datasheet HTML 19Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
GS816272CC-333/300/250/200/150
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 2/2005
15/31
© 2004, GSI Technology
Notes:
1. These parameters are sampled and are not 100% tested.
2. ZZ is an asynchronous signal. However, in order to be recognized on any given clock cycle, ZZ must meet the specified setup and hold
times as specified above.
AC Electrical Characteristics
Parameter
Symbol
-333
-300
-250
-200
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Pipeline
Clock Cycle Time
tKC
3.0
—
3.3
—
4.0
—
5.0
—
6.7
—
ns
Clock to Output Valid
tKQ
—
2.8
—
2.8
—
3.0
—
3.0
—
3.8
ns
Clock to Output Invalid
tKQX
1.5
—
1.5
—
1.5
—
1.5
—
1.5
—
ns
Clock to Output in Low-Z
tLZ1
1.5
—
1.5
—
1.5
—
1.5
—
1.5
—
ns
Setup time
tS
1.0
—
1.0
—
1.2
—
1.5
—
1.5
—
ns
Hold time
tH
0.1
—
0.1
—
0.2
—
0.4
—
0.5
—
ns
Flow
Through
Clock Cycle Time
tKC
4.5
—
5.0
—
5.5
—
6.5
—
7.5
—
ns
Clock to Output Valid
tKQ
—
4.5
—
5.0
—
5.5
—
6.5
—
7.5
ns
Clock to Output Invalid
tKQX
2.0
—
2.0
—
2.0
——
6.5
—
7.5
ns
Clock to Output in Low-Z
tLZ1
2.0
—
2.0
—
2.0
—
2.0
—
2.0
—
ns
Setup time
tS
1.3
—
1.4
—
1.5
—
1.5
—
1.5
—
ns
Hold time
tH
0.3
—
0.4
—
0.5
—
0.5
—
0.5
—
ns
Clock HIGH Time
tKH
1.0
—
1.0
—
1.3
—
1.3
—
1.5
—
ns
Clock LOW Time
tKL
1.2
—
1.2
—
1.5
—
1.5
—
1.7
—
ns
Clock to Output in
High-Z
tHZ1
1.5
2.8
1.5
2.8
1.5
3.0
1.5
3.0
1.5
3.0
ns
G to Output Valid
tOE
—
2.8
—
2.8
—
3.0
—
3.0
—
3.8
ns
G to output in Low-Z
tOLZ1
0
—
0
—
0
—
0
—
0
—
ns
G to output in High-Z
tOHZ1
—
2.8
—
2.8
—
3.0
—
3.0
—
3.8
ns
ZZ setup time
tZZS2
5
—
5
—
5
—
5
—
5
—
ns
ZZ hold time
tZZH2
1
—
1
—
1
—
1
—
1
—
ns
ZZ recovery
tZZR
20
—
20
—
20
—
20
—
20
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com