Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS816272CC Datasheet(PDF) 30 Page - GSI Technology

Part # GS816272CC
Description  256K x 72 18Mb S/DCD Sync Burst SRAMs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816272CC Datasheet(HTML) 30 Page - GSI Technology

Back Button GS816272CC Datasheet HTML 23Page - GSI Technology GS816272CC Datasheet HTML 24Page - GSI Technology GS816272CC Datasheet HTML 25Page - GSI Technology GS816272CC Datasheet HTML 26Page - GSI Technology GS816272CC Datasheet HTML 27Page - GSI Technology GS816272CC Datasheet HTML 28Page - GSI Technology GS816272CC Datasheet HTML 29Page - GSI Technology GS816272CC Datasheet HTML 30Page - GSI Technology GS816272CC Datasheet HTML 31Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
GS816272CC-333/300/250/200/150
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 2/2005
30/31
© 2004, GSI Technology
Ordering Information for GSI Synchronous Burst RAMs
Org
Part Number1
Type
Package
Speed2
(MHz/ns)
TA3
Status
256K x 72
GS816272CC-333
Pipeline/Flow Through
209 BGA
333/4.5
C
256K x 72
GS816272CC-300
Pipeline/Flow Through
209 BGA
300/5
C
256K x 72
GS816272CC-250
Pipeline/Flow Through
209 BGA
250/5.5
C
256K x 72
GS816272CC-200
Pipeline/Flow Through
209 BGA
200/6.5
C
256K x 72
GS816272CC-150
Pipeline/Flow Through
209 BGA
150/7.5
C
256K x 72
GS816272CC-333I
Pipeline/Flow Through
209 BGA
333/4.5
I
256K x 72
GS816272CC-30I
Pipeline/Flow Through
209 BGA
300/5
I
256K x 72
GS816272CC-250I
Pipeline/Flow Through
209 BGA
250/5.5
I
256K x 72
GS816272CC-200I
Pipeline/Flow Through
209 BGA
200/6.5
I
256K x 72
GS816272CC-150I
Pipeline/Flow Through
209 BGA
150/7.5
I
256K x 72
GS816272CGC-333
Pipeline/Flow Through
Pb-free 209 BGA
333/4.5
C
256K x 72
GS816272CGC-300
Pipeline/Flow Through
Pb-free 209 BGA
300/5
C
256K x 72
GS816272CGC-250
Pipeline/Flow Through
Pb-free 209 BGA
250/5.5
C
256K x 72
GS816272CGC-200
Pipeline/Flow Through
Pb-free 209 BGA
200/6.5
C
256K x 72
GS816272CGC-150
Pipeline/Flow Through
Pb-free 209 BGA
150/7.5
C
256K x 72
GS816272CGC-333I
Pipeline/Flow Through
Pb-free 209 BGA
333/4.5
I
256K x 72
GS816272CGC-30I
Pipeline/Flow Through
Pb-free 209 BGA
300/5
I
256K x 72
GS816272CGC-250I
Pipeline/Flow Through
Pb-free 209 BGA
250/5.5
I
256K x 72
GS816272CGC-200I
Pipeline/Flow Through
Pb-free 209 BGA
200/6.5
I
256K x 72
GS816272CGC-150I
Pipeline/Flow Through
Pb-free 209 BGA
150/7.5
I
Notes:
1. Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. Example: GS816236CC-250IT.
2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each
device is Pipeline/Flow Through mode-selectable by the user.
3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range.
4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are
covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com