Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS816272CC Datasheet(PDF) 14 Page - GSI Technology

Part # GS816272CC
Description  256K x 72 18Mb S/DCD Sync Burst SRAMs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816272CC Datasheet(HTML) 14 Page - GSI Technology

Back Button GS816272CC Datasheet HTML 10Page - GSI Technology GS816272CC Datasheet HTML 11Page - GSI Technology GS816272CC Datasheet HTML 12Page - GSI Technology GS816272CC Datasheet HTML 13Page - GSI Technology GS816272CC Datasheet HTML 14Page - GSI Technology GS816272CC Datasheet HTML 15Page - GSI Technology GS816272CC Datasheet HTML 16Page - GSI Technology GS816272CC Datasheet HTML 17Page - GSI Technology GS816272CC Datasheet HTML 18Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
GS816272CC-333/300/250/200/150
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 2/2005
14/31
© 2004, GSI Technology
Notes:
1. IDD and IDDQ apply to any combination of VDD3, VDD2, VDDQ3, and VDDQ2 operation.
2. All parameters listed are worst case scenario.
Operating Currents
Parameter
Test Conditions
Mode
Symbol
-333
-300
-250
-200
-150
Unit
0
to
70°C
–40
to
85°C
0
to
°C
–40
to
85°C
0
to
70°C
–40
to
85°C
0
to
°C
–40
to
85°C
0
to
70°C
–40
to
85°C
Operating
Current
Device Selected;
All other inputs
≥VIH or ≤ VIL
Output open
(x72)
Pipeline
IDD
IDDQ
460
85
470
85
415
80
425
80
350
75
360
75
290
55
300
55
230
40
240
40
mA
Flow
Through
IDD
IDDQ
320
60
330
60
290
55
300
55
265
50
275
50
230
45
240
45
210
40
220
40
mA
Standby
Current
ZZ
≥ VDD – 0.2 V
—
Pipeline
ISB
40
50
40
50
40
50
40
50
40
50
mA
Flow
Through
ISB
40
50
40
50
40
50
40
50
40
50
mA
Deselect
Current
Device Deselected;
All other inputs
≥ VIH or ≤ VIL
—
Pipeline
IDD
85
90
85
90
85
90
85
90
85
90
mA
Flow
Through
IDD
60
65
60
65
60
65
50
55
50
55
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com