Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS816272CC Datasheet(PDF) 13 Page - GSI Technology

Part # GS816272CC
Description  256K x 72 18Mb S/DCD Sync Burst SRAMs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816272CC Datasheet(HTML) 13 Page - GSI Technology

Back Button GS816272CC Datasheet HTML 9Page - GSI Technology GS816272CC Datasheet HTML 10Page - GSI Technology GS816272CC Datasheet HTML 11Page - GSI Technology GS816272CC Datasheet HTML 12Page - GSI Technology GS816272CC Datasheet HTML 13Page - GSI Technology GS816272CC Datasheet HTML 14Page - GSI Technology GS816272CC Datasheet HTML 15Page - GSI Technology GS816272CC Datasheet HTML 16Page - GSI Technology GS816272CC Datasheet HTML 17Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
GS816272CC-333/300/250/200/150
Preliminary
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.01 2/2005
13/31
© 2004, GSI Technology
DC Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage Current
(except mode pins)
IIL
VIN = 0 to VDD
–1 uA
1 uA
ZZ Input Current
IIN1
VDD ≥ VIN ≥ VIH
0 V
≤ VIN ≤ VIH
–1 uA
–1 uA
1 uA
100 uA
FT, SCD, ZQ Input Current
IIN2
VDD ≥ VIN ≥ VIL
0 V
≤ VIN ≤ VIL
–100 uA
–1 uA
1 uA
1 uA
Output Leakage Current
IOL
Output Disable, VOUT = 0 to VDD
–1 uA
1 uA
Output High Voltage
VOH2
IOH = –8 mA, VDDQ = 2.375 V
1.7 V
—
Output High Voltage
VOH3
IOH = –8 mA, VDDQ = 3.135 V
2.4 V
—
Output Low Voltage
VOL
IOL = 8 mA
—
0.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com