Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9204CS Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9204CS
Description  Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9204CS Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9204CS Datasheet HTML 1Page - Richtek Technology Corporation RT9204CS Datasheet HTML 2Page - Richtek Technology Corporation RT9204CS Datasheet HTML 3Page - Richtek Technology Corporation RT9204CS Datasheet HTML 4Page - Richtek Technology Corporation RT9204CS Datasheet HTML 5Page - Richtek Technology Corporation RT9204CS Datasheet HTML 6Page - Richtek Technology Corporation RT9204CS Datasheet HTML 7Page - Richtek Technology Corporation RT9204CS Datasheet HTML 8Page - Richtek Technology Corporation RT9204CS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9204
Preliminary
www.richtek-ic.com.tw
DS9204-00 February 2002
4
Absolute Maximum Ratings
Supply Voltage VCC
7V
BOOT & UGATE to GND
15V
Input, Output or I/O Voltage
GND
−0.3V ~ 7V
Power Dissipation, PD @ TA = 25
°C
SOP-8
0.625W
Package Thermal Resistance
SOP-8,
θJA
160
°C/W
Ambient Temperature Range
0
°C ~ +70°C
Junction Temperature Range
-40
°C ~ +125°C
Storage Temperature Range
-65
°C ~ +150°C
Lead Temperature (Soldering, 10 sec.)
260
°C
CAUTION:
Stresses beyond the ratings specified in “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress only rating and operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
Electrical Characteristics
(VCC = 5V, TA = 25
°C, Unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VCC Supply Current
Nominal Supply Current
ICC
UGATE, LGATE open
--
3
--
mA
VCC Regulated Voltage
VCC
VBOOT=12V
--
6
--
V
Power-On Reset
Rising VCC Threshold
3.75
4.1
4.35
V
VCC Threshold Hysteresis
--
0.5
--
V
Reference
Reference Voltage
Both FB & FBL
0.784
0.8
0.816
V
Oscillator
Free Running Frequency
550
600
650
KHz
Ramp Amplitude
∆ VOSC
--
1.75
--
VP-P
PWM Error Amplifier
DC Gain
--
35
--
dB
PWM Controller Gate Driver
Upper Drive Source
RUGATE VBOOT = 12V; VBOOT - VUGATE = 1V
--
7
--
Ω
Upper Drive Sink
RUGATE VUGATE = 1V
--
5
--
Ω
Linear Regulator
DRV Driver Source
VDRV = 2V
100
--
--
mA
Protection
FB Over-Voltage Trip
FB Rising
--
1
--
V
FB & FBL Under-Voltage Trip
FB & FBL Falling
--
0.5
--
V
Soft-Start Interval
--
1
--
mS
SD Pin Threshold
VCC = 5V
--
1.5
--
V
SD pin Sink Current
VCC = 5V
--
40
--
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com