Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9204CS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9204CS
Description  Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9204CS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9204CS Datasheet HTML 1Page - Richtek Technology Corporation RT9204CS Datasheet HTML 2Page - Richtek Technology Corporation RT9204CS Datasheet HTML 3Page - Richtek Technology Corporation RT9204CS Datasheet HTML 4Page - Richtek Technology Corporation RT9204CS Datasheet HTML 5Page - Richtek Technology Corporation RT9204CS Datasheet HTML 6Page - Richtek Technology Corporation RT9204CS Datasheet HTML 7Page - Richtek Technology Corporation RT9204CS Datasheet HTML 8Page - Richtek Technology Corporation RT9204CS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary
RT9204
DS9204-00 February 2002
www.richtek-ic.com.tw
3
Layout Placement
Layout Notes
1. Put C1 & C2 to be near the MU drain and ML source nodes.
2. Put RT9204 to be near the COUT
3. Put CBOOT as close as to BOOT pin
4. Put CVCC as close as to VCC pin
Function Block Diagram
+
GND
BOOT
RT9204
VCC
C
VCC
1
µF
C
OUT
1000
µF
+
GS
MU
D
Diode
C
BOOT
0.1
µF
L
5
µH
C1
1
µF
C2
470
µF
GND Return
6.0V
Regulator
Control
Logic
Power
on Reset
Soft Start
0.8V
Reference
600kHz
Oscillator
35dB
UVP
OVP
VCC
FB
GND
BOOT
UGATE
Error Amp
0.8V
1V
UVP
_
LDO
PWM
SS
DRV
FBL
0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com