Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9204CS Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9204CS
Description  Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9204CS Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9204CS Datasheet HTML 1Page - Richtek Technology Corporation RT9204CS Datasheet HTML 2Page - Richtek Technology Corporation RT9204CS Datasheet HTML 3Page - Richtek Technology Corporation RT9204CS Datasheet HTML 4Page - Richtek Technology Corporation RT9204CS Datasheet HTML 5Page - Richtek Technology Corporation RT9204CS Datasheet HTML 6Page - Richtek Technology Corporation RT9204CS Datasheet HTML 7Page - Richtek Technology Corporation RT9204CS Datasheet HTML 8Page - Richtek Technology Corporation RT9204CS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Preliminary
RT9204
DS9204-00 February 2002
www.richtek-ic.com.tw
1
Dual Regulator - Standard Buck PWM DC-DC and Linear
Power Controller
General Description
The RT9204 is a dual power controllers designed for
high performance graphics cards and computer
applications. The IC integrates a standard buck
controller, a linear regulator driver and protection
functions into a small 8-pin package.
The RT9204 uses a internal compensated voltage
mode PWM control for simple application design. An
internal 0.8V reference allows the output voltage to
be precisely regulated to low voltage requirement. A
fixed 600kHz oscillator reduce the component size for
saving board area.
The RT9204 protects the converter and regulator by
monitoring the output under voltage.
Applications
Motherboard Power Regulation for Computers
Subsystems Power Supplies
Cable Modems, Set Top Box, and DSL Modems
DSP
and
Core
Communications
processor
Supplies
Memory Power Supplies
Personal Computer Peripherals
Industrial Power Supplies
5V-Input DC-DC Regulators
Low Voltage Distributed Power Supplies
Features
Operate from 5V
0.8V Internal Reference
Voltage Mode PWM Control
Fast Transient Response
Fixed 600kHz Oscillator Frequency
Full 0~100% Duty Cycle
Internal Soft Start
Internal PWM Loop Compensation
Pin Configurations
Part Number
Pin Configurations
RT9204CS
(Plastic SOP-8)
TOP VIEW
Ordering Information
RT9204
Operating temperature range
C : Commercial standard
Package type
S : SOP-8
GND
VCC
DRV
FBL
1
2
3
4
8
7
6
5
UGATE
BOOT
SD
FB


Similar Part No. - RT9204CS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204 Datasheet
186Kb / 14P
Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9204AGS RICHTEK-RT9204AGS Datasheet
186Kb / 14P
Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9204APS RICHTEK-RT9204APS Datasheet
186Kb / 14P
Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9204GS RICHTEK-RT9204GS Datasheet
186Kb / 14P
Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9204PS RICHTEK-RT9204PS Datasheet
186Kb / 14P
Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
More results

Similar Description - RT9204CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
December 28, 2004
ISL6521 INTERSIL-ISL6521 Datasheet
639Kb / 13P
PWM Buck DC-DC and Triple Linear Power Controller
February 8, 2005
logo
Richtek Technology Corp...
RT9205 RICHTEK-RT9205 Datasheet
305Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
March 9, 2006
logo
Richtek Technology Corp...
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9204 RICHTEK-RT9204_07 Datasheet
186Kb / 14P
Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Renesas Technology Corp
ISL6521 RENESAS-ISL6521 Datasheet
748Kb / 14P
PWM Buck DC-DC and Triple Linear Power Controller
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com