Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9204CS Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9204CS
Description  Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9204CS Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9204CS Datasheet HTML 1Page - Richtek Technology Corporation RT9204CS Datasheet HTML 2Page - Richtek Technology Corporation RT9204CS Datasheet HTML 3Page - Richtek Technology Corporation RT9204CS Datasheet HTML 4Page - Richtek Technology Corporation RT9204CS Datasheet HTML 5Page - Richtek Technology Corporation RT9204CS Datasheet HTML 6Page - Richtek Technology Corporation RT9204CS Datasheet HTML 7Page - Richtek Technology Corporation RT9204CS Datasheet HTML 8Page - Richtek Technology Corporation RT9204CS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary
RT9204
DS9204-00 February 2002
www.richtek-ic.com.tw
5
Typical Operating Charateristics
Load Transient
Time
UGATE
VCC = 5V
VOUT = 2.2V
COUT = 3000
µF
VOUT
Load Transient
Time
UGATE
VCC = 5V
VOUT = 2.2V
COUT = 3000
µF
VOUT
Short Hiccup
Time
VOUT
VCC = 5V
VOUT = 2.2V
UGATE
Reference vs. Temperature
0.796
0.797
0.798
0.799
0.800
0.801
0.802
0.803
-50
0
50
100
150
Temperature ( C)
°
Power On
Time
VCC
VCC = 5V
VOUT = 2.2V
VOUT1
VOUT2
Power Off
Time
VCC
VCC = 5V
VOUT = 2.2V
VOUT1
VOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com