Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9204CS Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9204CS
Description  Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9204CS Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9204CS Datasheet HTML 3Page - Richtek Technology Corporation RT9204CS Datasheet HTML 4Page - Richtek Technology Corporation RT9204CS Datasheet HTML 5Page - Richtek Technology Corporation RT9204CS Datasheet HTML 6Page - Richtek Technology Corporation RT9204CS Datasheet HTML 7Page - Richtek Technology Corporation RT9204CS Datasheet HTML 8Page - Richtek Technology Corporation RT9204CS Datasheet HTML 9Page - Richtek Technology Corporation RT9204CS Datasheet HTML 10Page - Richtek Technology Corporation RT9204CS Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary
RT9204
DS9204-00 February 2002
www.richtek-ic.com.tw
7
Functional Pin Description
GND (Pin 1)
Signal and power ground for the IC. All voltage levels
are measured with respect to this pin.
VCC (Pin 2)
This is the main bias supply for the RT9204. This pin
also provides the gate bias charge for the lower
MOSFETs gate. The voltage at this pin monitored for
power-on reset (POR) purpose. This pin is also the
internal 6.0V regulator output powered from BOOT pin
when BOOT pin is directly powered from ATX 12V.
DRV (Pin 3)
This pin is linear regulator output driver. Connect to
external bypass NPN transistor base or NMOSFET
gate terminal.
FBL (Pin 4)
This pin is connected to the linear regulator output
divider. This pin also connects to internal linear
regulator error amplifier inverting input and protection
monitor.
FB (Pin 5)
This pin is connected to the PWM converter’s output
divider. This pin also connects to internal PWM error
amplifier inverting input and protection monitor.
SD (Pin 6)
Active low design with a 40
µA pull low current source.
Pull this pin to VCC to shutdown both PWM and linear
regulator.
BOOT (Pin 7)
This pin provides ground referenced bias voltage to
the upper MOSFET driver. A bootstrap circuit is used
to create a voltage suitable to drive a logic-level N-
channel MOSFET when operating at a single 5V
power supply. This pin also could be powered from
ATX 12V, in this situation, an internal 6.0V regulator
will supply to VCC pin for internal voltage bias.
UGATE (Pin 8)
Connect UGATE pin to the PWM converter’s upper
MOSFET gate. This pin provides the gate drive for the
upper MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com