Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9204CS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9204CS
Description  Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9204CS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9204CS Datasheet HTML 1Page - Richtek Technology Corporation RT9204CS Datasheet HTML 2Page - Richtek Technology Corporation RT9204CS Datasheet HTML 3Page - Richtek Technology Corporation RT9204CS Datasheet HTML 4Page - Richtek Technology Corporation RT9204CS Datasheet HTML 5Page - Richtek Technology Corporation RT9204CS Datasheet HTML 6Page - Richtek Technology Corporation RT9204CS Datasheet HTML 7Page - Richtek Technology Corporation RT9204CS Datasheet HTML 8Page - Richtek Technology Corporation RT9204CS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9204
Preliminary
www.richtek-ic.com.tw
DS9204-00 February 2002
2
Typical Application Circuit
Fig.1 RT9204 powered from 5V only
Fig.2 RT9204 powered from 12V
GND
+
VCC
DRV
FBL
RT9204
UGATE
BOOT
SD
FB
+
VOUT1
C1
470
µF
C5
1
µF
R4
100
R5
100
L1
5
µH
R1
10
C4
1000
µF
MU
Q1
2D1802
4
3
1
5
6
7
8
C2
1
µF
2.5V
R2
120
C3
0.1
µF
+
C6
220
µF
VOUT2
1.6V
VAUX
3.3V
5V
2
R3
250
D1
C7
10nF
GND
+
VCC
DRV
FBL
RT9204
UGATE
BOOT
SD
FB
+
VOUT1
C1
470
µF
C7
1
µF
R4
100
R5
100
L1
5
µH
R1
10
C4
1000
µF
MU
Q1
4
3
1
5
6
7
8
C2
1
µF
2.5V
R2
120
+
C6
220
µF
VOUT2
1.6V
VAUX
3.3V
5V
2
R3
250
D1
C5
1
µF
12V
C3
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com