Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2129 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2129
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2129 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2129 Datasheet HTML 1Page - Diodes Incorporated AP2129 Datasheet HTML 2Page - Diodes Incorporated AP2129 Datasheet HTML 3Page - Diodes Incorporated AP2129 Datasheet HTML 4Page - Diodes Incorporated AP2129 Datasheet HTML 5Page - Diodes Incorporated AP2129 Datasheet HTML 6Page - Diodes Incorporated AP2129 Datasheet HTML 7Page - Diodes Incorporated AP2129 Datasheet HTML 8Page - Diodes Incorporated AP2129 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP2129
Document number: DS41213 Rev. 2 - 2
5 of 13
www.diodes.com
July 2018
© Diodes Incorporated
AP2129
Electrical Characteristics
AP2129-1.0/1.2/1.8/2.6/2.8/3.0/3.3 Electrical Characteristics (@CIN =1µF, COUT = 1µF, Bold type applies over -
40°C
 TJ  +85°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
VIN = VOUT +1V, (Note 2)
1mA
 IOUT  300mA
98%*
VOUT
—
102%*
VOUT
V
VIN
Input Voltage
—
1.8
—
6
V
IOUT(MAX)
Maximum Output
Current
—
—
450
—
mA
∆VOUT/(∆IOUT*VOUT)
Load Regulation
VIN-VOUT = 1V, (Note 2), 1mA  IOUT 
300mA
—
—
1.5
%/A
∆VOUT
/
(∆VIN*VOUT)
Line Regulation
VOUT +0.5V  VIN  6V, (Note 2), IOUT =
30mA
—
—
0.06
%/V
VDROP
Dropout Voltage
VOUT = 1.0V, IOUT = 300mA
—
800
—
mV
VOUT = 1.2V, IOUT = 300mA
—
600
—
VOUT = 1.8V, IOUT = 300mA
—
600
700
VOUT = 2.6V/2.8V/3.0V/3.3V, IOUT =
300mA
—
170
300
IQ
Quiescent Current
VIN = VOUT +1V, IOUT = 0mA
—
60
90
µA
ISTD
Standby Current
VIN = VOUT +1V, VShutdown in off mode
—
0.1
1.0
µA
PSRR
Power Supply
Rejection Ratio
Ripple 1Vp-p,
VIN = VOUT +1V
f = 100Hz
—
65
—
dB
f = 1kHz
—
65
—
dB
f = 10kHz
—
45
—
dB
(
∆VOUT/VOUT)
/
∆T
Output Voltage
Temperature Coefficient
IOUT = 30mA, -40°C  TJ  +85°C
—
±100
—
ppm/°C
ILIMIT
Output Current Limit
VIN-VOUT = 1V, VOUT = 0.98*VOUT
—
400
—
mA
ISHORT
Short Current Limit
VOUT = 0V
—
50
—
mA
tUP
Soft Start Time
—
—
50
—
µs
VNOISE
RMS Output Noise
TA = +25°C, 10Hz  f  100kHz
—
60
—
µVrms
—
Shutdown "High"
Voltage
Shutdown Input Voltage "High"
1.5
—
6
V
—
Shutdown "Low" Voltage
Shutdown Input Voltage "Low"
0
—
0.4
V
—
VOUT Discharge
MOSFET RDS(ON)
Shutdown Input Voltage "Low"
—
60
—
—
Shutdown Pull Down
Resistance
—
—
3
—
M
—
Thermal Shutdown
—
—
+165
—
°C
—
Thermal Shutdown
Hysteresis
—
—
+30
—
°C
θJC
Thermal Resistance
DFN-1.5x2-6
—
20
—
°C/W
SOT-23-5
—
150
—
Note 2:
VIN = 2.8V for 1.0 and 1.2 version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com