Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2129 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP2129
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2129 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP2129 Datasheet HTML 2Page - Diodes Incorporated AP2129 Datasheet HTML 3Page - Diodes Incorporated AP2129 Datasheet HTML 4Page - Diodes Incorporated AP2129 Datasheet HTML 5Page - Diodes Incorporated AP2129 Datasheet HTML 6Page - Diodes Incorporated AP2129 Datasheet HTML 7Page - Diodes Incorporated AP2129 Datasheet HTML 8Page - Diodes Incorporated AP2129 Datasheet HTML 9Page - Diodes Incorporated AP2129 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP2129
Document number: DS41213 Rev. 2 - 2
6 of 13
www.diodes.com
July 2018
© Diodes Incorporated
AP2129
Electrical Characteristics (Cont.)
AP2129-ADJ Electrical Characteristics (@CIN =1µF, COUT = 1µF, Bold type applies over -40°C  TJ  +85°C, unless
otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREF
Reference Voltage
VIN = 1.8V
1mA
 IOUT  300mA
0.748
0.8
0.816
V
VIN
Input Voltage
1.8
6
V
IOUT(MAX)
Maximum Output
Current
450
mA
∆VOUT/(∆IOUT*VOUT)
Load Regulation
VIN-VOUT = 1V, 1mA  IOUT  300mA
1.5
%/A
∆VOUT
/
(∆VIN*VOUT)
Line Regulation
VOUT +0.5V  VIN  6V, IOUT = 30mA
0.06
%/V
IQ
Quiescent Current
VIN = VOUT +1V, IOUT = 0mA
60
90
µA
ISTD
Standby Current
VIN = VOUT +1V, VShutdown in off mode
0.1
1.0
µA
PSRR
Power Supply
Rejection Ratio
Ripple 1Vp-p,
VIN = VOUT +1V
f = 100Hz
65
dB
f = 1kHz
65
dB
f = 10kHz
45
dB
(
∆VOUT/VOUT)
/
∆T
Output Voltage
Temperature Coefficient
IOUT = 30mA, -40°C  TJ  +85°C
±100
ppm/°C
ILIMIT
Output Current Limit
400
mA
ISHORT
Short Current Limit
VOUT = 0V
50
mA
tUP
Soft Start Time
50
µs
VNOISE
RMS Output Noise
TA = +25°C, 10Hz  f  100kHz
60
µVrms
Shutdown "High"
Voltage
Shutdown Input Voltage "High"
1.5
6
V
Shutdown "Low" Voltage
Shutdown Input Voltage "Low"
0
0.4
V
VOUT Discharge
MOSFET RDS(ON)
Shutdown Input Voltage "Low"
60
Shutdown Pull Down
Resistance
3
M
Thermal Shutdown
+165
°C
Thermal Shutdown
Hysteresis
+30
°C
θJC
Thermal Resistance
DFN-1.5x2-6
20
°C/W
SOT-23-5
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com