Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2129 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2129
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2129 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2129 Datasheet HTML 1Page - Diodes Incorporated AP2129 Datasheet HTML 2Page - Diodes Incorporated AP2129 Datasheet HTML 3Page - Diodes Incorporated AP2129 Datasheet HTML 4Page - Diodes Incorporated AP2129 Datasheet HTML 5Page - Diodes Incorporated AP2129 Datasheet HTML 6Page - Diodes Incorporated AP2129 Datasheet HTML 7Page - Diodes Incorporated AP2129 Datasheet HTML 8Page - Diodes Incorporated AP2129 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP2129
Document number: DS41213 Rev. 2 - 2
2 of 13
www.diodes.com
July 2018
© Diodes Incorporated
AP2129
Typical Applications Circuit
VIN
VIN
VOUT
VOUT
ADJ
Shutdown
GND
COUT
1
F
CIN
1
F
R1
R2
AP2129
VOUT=0.8*(1+R1/R2)V
VIN
VIN
VOUT
VOUT
Shutdown
GND
COUT
1
F
CIN
1
F
AP2129
VOUT=1.0V, 1.2V, 1.8V, 2.6V, 2.8V, 3.0V, 3.3V
Pin Descriptions
Pin Number
Pin Name
Function
DFN-1.5x2-6
SOT-23-5
1
3
VIN
Input Voltage
2
2
GND
Ground
3
1
Shutdown
Active High Enable Input Pin. Logic high=enable, logic low=shutdown
4, 5
—
NC
No Connection
—
5
ADJ/NC
Adjust Output for ADJ version/ No Connection for Fixed Version
6
4
VOUT
Regulated Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com