Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2129 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP2129
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2129 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP2129 Datasheet HTML 4Page - Diodes Incorporated AP2129 Datasheet HTML 5Page - Diodes Incorporated AP2129 Datasheet HTML 6Page - Diodes Incorporated AP2129 Datasheet HTML 7Page - Diodes Incorporated AP2129 Datasheet HTML 8Page - Diodes Incorporated AP2129 Datasheet HTML 9Page - Diodes Incorporated AP2129 Datasheet HTML 10Page - Diodes Incorporated AP2129 Datasheet HTML 11Page - Diodes Incorporated AP2129 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AP2129
Document number: DS41213 Rev. 2 - 2
8 of 13
www.diodes.com
July 2018
© Diodes Incorporated
AP2129
Performance Characteristics (Cont.)
Output Voltage vs. Output Current
Output Voltage vs. Input Voltage
Load Transient
Output Voltage vs. Input Voltage (IOUT=300mA)
(Conditions: CIN=COUT=1F, VIN=2.5V, VOUT=0.8V)
Load Transient
Line Transient
(Conditions: CIN=COUT=1F, VIN=4.4V, VOUT=3.3V)
(Conditions: IOUT=30mA, CIN=COUT=1µF,
VIN=2.5 to 3.5V, VOUT=0.8V)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V
OUT=0.8V
V
IN=1.8V
Output Current (A)
T
C
=-40
oC
T
C
=+125
oC
T
C
=+25
oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V
OUT=0.8V
No Load
Input Voltage(V)
T
C
=-40
oC
T
C
=+25
oC
T
C
=+125
oC
0
1
2
3
4
5
6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Input Voltage (V)
T
C
=-40
oC
T
C
=+25
oC
T
C
=+85
oC
V
OUT
=0.8V
I
O UT
V
OUT
IOUT
V
OUT
VIN
V
OU T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com