Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2129 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2129
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2129 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2129 Datasheet HTML 5Page - Diodes Incorporated AP2129 Datasheet HTML 6Page - Diodes Incorporated AP2129 Datasheet HTML 7Page - Diodes Incorporated AP2129 Datasheet HTML 8Page - Diodes Incorporated AP2129 Datasheet HTML 9Page - Diodes Incorporated AP2129 Datasheet HTML 10Page - Diodes Incorporated AP2129 Datasheet HTML 11Page - Diodes Incorporated AP2129 Datasheet HTML 12Page - Diodes Incorporated AP2129 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP2129
Document number: DS41213 Rev. 2 - 2
10 of 13
www.diodes.com
July 2018
© Diodes Incorporated
AP2129
Ordering Information
AP2129 X - X X X
Packing
Output Voltage
TR : Tape & Reel
G1 : RoHS Compliant
and Green
Product Name
RoHS/Green
Package
K : SOT-23-5
ADJ : ADJ Output
DN : DFN-1.5x2-6
1.2 : Fixed Output 1.2V
1.0 : Fixed Output 1.0V
1.8 : Fixed Output 1.8V
2.6 : Fixed Output 2.6V
2.8 : Fixed Output 2.8V
3.0 : Fixed Output 3.0V
3.3 : Fixed Output 3.3V
Package
Temperature Range
Part Number
Marking ID
Packing
SOT-23-5
-40 to +85°C
AP2129K- ADJTRG1
GEJ
Tape & Reel
AP2129K-1.0TRG1
GEK
Tape & Reel
AP2129K-1.2TRG1
GEL
Tape & Reel
AP2129K-3.3TRG1
GEM
Tape & Reel
DFN-1.5x2-6
-40 to +85°C
AP2129DN-1.0TRG1
LA
Tape & Reel
AP2129DN-1.2TRG1
MA
Tape & Reel
AP2129DN-1.8TRG1
LB
Tape & Reel
AP2129DN-2.6TRG1
MB
Tape & Reel
AP2129DN-2.8TRG1
LC
Tape & Reel
AP2129DN-3.0TRG1
MC
Tape & Reel
AP2129DN-3.3TRG1
LD
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com