Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2129 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2129
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2129 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2129 Datasheet HTML 3Page - Diodes Incorporated AP2129 Datasheet HTML 4Page - Diodes Incorporated AP2129 Datasheet HTML 5Page - Diodes Incorporated AP2129 Datasheet HTML 6Page - Diodes Incorporated AP2129 Datasheet HTML 7Page - Diodes Incorporated AP2129 Datasheet HTML 8Page - Diodes Incorporated AP2129 Datasheet HTML 9Page - Diodes Incorporated AP2129 Datasheet HTML 10Page - Diodes Incorporated AP2129 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AP2129
Document number: DS41213 Rev. 2 - 2
7 of 13
www.diodes.com
July 2018
© Diodes Incorporated
AP2129
Performance Characteristics
Output Voltage vs. Output Current
Supply Current vs. Input Voltage
Supply Current vs. Output Current
Supply Current vs. Case Temperature
Short Current vs. Case Temperature
Output Voltage vs. Case Temperature
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Current (mA)
T
C
=-40
oC
T
C
=+25
oC
T
C
=+125
oC
V
IN
=4.4V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
10
20
30
40
50
60
70
80
90
100
T
C
=+25
oC
V
OUT
=0.8V
No Load
Input Voltage(V)
0.00
0.03
0.06
0.09
0.12
0.15
0.18
0.21
0.24
0.27
0.30
40
50
60
70
80
90
100
110
120
V
OUT
=0.8V
V
IN
=1.8V
T
C
=+25
oC
Output Current (A)
-40
-20
0
20
40
60
80
40
42
44
46
48
50
52
54
56
58
60
V
OUT
=0.8V
V
IN
=1.8V
No Load
Case Temperature(
oC)
-30
-15
0
15
30
45
60
75
0
40
80
120
160
200
240
280
320
VOUT=0.8V
VIN=1.8V
Ouput short to GND
Case Temperature (
oC)
-30
-15
0
15
30
45
60
75
0.70
0.72
0.74
0.76
0.78
0.80
0.82
0.84
0.86
0.88
0.90
V
OUT=0.8V
V
IN=1.8V
Case Temperature (
oC)
I
O=10mA
I
O=150mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com