Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16646 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALVT16646
Description  2.5V/3.3V 16-bus transceiver 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16646 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVT16646 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Philips Semiconductors
Product specification
74ALVT16646
2.5V/3.3V 16-bit bus transceiver (3-State)
1998 Feb 13
4
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
27
28
30
29
1DIR
1CPAB
1SAB
GND
1A0
1A1
1A2
1A3
1A4
GND
1A5
1A6
1A7
2A0
2A2
GND
2A3
VCC
2A1
2A4
2A5
2A6
2A7
2SAB
VCC
GND
2CPAB
2DIR
1OE
1CPBA
1SBA
GND
1B0
1B1
1B2
1B3
1B4
GND
1B5
1B6
1B7
2B0
2B2
GND
2B3
VCC
2B1
2B4
2B5
2B6
2B7
2SBA
VCC
GND
2CPBA
20E
SH00026
LOGIC SYMBOL
2
3
1CPAB
1SAB
1
1DIR
55
1CPBA
27
26
2CPAB
2SAB
28
2DIR
30
2CPBA
54
1SBA
56
1OE
31
2SBA
29
2OE
5
9
10
12
13
14
68
52
51
49
48
47
45 44
43
15
16
17
19
20
21 23
24
42
41
40
38
37
36 34
33
1A0 1A1 1A2 1A3 1A4 1A5 1A6 1A7
1B0 1B1 1B2 1B3 1B4 1B5 1B6 1B7
2A0 2A1 2A2 2A3 2A4 2A5 2A6 2A7
2B0 2B1 2B2 2B3 2B4 2B5 2B6 2B7
SH00027
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
2, 55, 27, 30
1CPAB, 1CPBA, 2CPAB, 2CPBA
Clock input A to B / Clock input B to A
3, 54, 26, 31
1SAB, 1SBA, 2SAB, 2SBA
Select input A to B / Select input B to A
1, 28
1DIR, 2DIR
Direction control inputs
5, 6, 8, 9, 10, 12, 13, 14
15, 16, 17, 19, 20, 21, 23, 24
1A0 - 1A7,
2A0 - 2A7
Data inputs/outputs (A side)
52, 51, 49, 48, 47, 45, 44, 43
42, 41, 40, 38, 37, 36, 34, 33
1B0 - 1B7,
2B0 - 2B7
Data inputs/outputs (B side)
56, 29
1OE, 2OE
Output enable inputs
4, 11, 18, 25, 32, 39, 46, 53
GND
Ground (0V)
7, 22, 35, 50
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com