Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16646 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74ALVT16646
Description  2.5V/3.3V 16-bus transceiver 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16646 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74ALVT16646 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 14Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Philips Semiconductors
Product specification
74ALVT16646
2.5V/3.3V 16-bit bus transceiver (3-State)
1998 Feb 13
11
AC CHARACTERISTICS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V "0.2V
UNIT
MIN
TYP1
MAX
fMAX
Maximum clock frequency
1
150
MHz
tPLH
tPHL
Propagation delay
nCPAB to nBx or nCPBA to nAx
1
1.0
1.0
3.2
2.8
4.8
4.2
ns
tPLH
tPHL
Propagation delay
nSAB to nBx or nSBA to nAx
2
1.5
1.5
3.4
3.4
5.8
6.0
ns
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
2
3
0.5
0.5
2.2
2.3
3.2
3.8
ns
tPZH
tPZL
Output enable time
to High and Low level
5
6
1.5
1.0
3.4
2.7
5.8
6.0
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
5
6
1.5
1.0
3.2
2.5
5.2
3.7
ns
tPZH
tPZL
Output enable time
nDIR to nAx or nBx
5
6
2.0
1.0
4.1
2.5
7.0
4.1
ns
tPHZ
tPLZ
Output disable time
nDIR to nAx or nBx
5
6
1.5
1.0
3.9
3.1
6.1
4.9
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENTS (2.5V
"0.2V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 2.5V "0.2V
UNIT
MIN
TYP
tS(H)
tS(L)
Setup time, High or Low
nAx to nCPAB or nBx to nCPBA
4
2.0
2.0
1.2
1.2
ns
th(H)
th(L)
Hold time, High or Low
nAx to nCPAB or nBx or nCPBA
4
0.0
0.0
–1.0
–1.0
ns
tw(H)
tw(L)
Pulse width, High or Low
nCPAB or nCPBA
1
1.5
1.5
ns
AC WAVEFORMS
VM = 1.5V at VCC w 3.0V; VM = VCC/2 at VCC v 2.7V
VX = VOL + 0.3V at VCC w 3.0V; VX = VOL + 0.15V at VCC v 2.7V
VY = VOH – 0.3V at VCC w 3.0V; VY = VOH – 0.15V at VCC v 2.7V
VM
VM
VM
VM
VM
1/fMAX
tw(H)
tw(L)
tPHL
tPLH
nCPBA or
nCPAB
nAx or nBx
SH00030
0V
3.0V or VCC
whichever
is less
VOH
VOL
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
nSBA or nSAB
VM
tPLH
tPHL
VM
VM
VM
nAx or nBx
nAx or nBx
nAx or nBx
SH00031
3.0V or VCC
0V
VOH
VOL
Waveform 2. Propagation Delay, nSAB to nBx or nSBA to nAx,
nAx to nBx or nBx to nAx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com