Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16646 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALVT16646
Description  2.5V/3.3V 16-bus transceiver 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16646 Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVT16646 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Philips Semiconductors
Product specification
74ALVT16646
2.5V/3.3V 16-bit bus transceiver (3-State)
2
1998 Feb 13
853-1856 18962
FEATURES
• 16-bit universal bus interface
• 5V I/O Compatible
• 3-State buffers
• Output capability: +64mA/-32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
• Live insertion/extraction permitted
• No bus current loading when output is tied to 5V bus
• Power-up reset
• Power-up 3-State
• Latch-up protection exceeds 500mA per JEDEC Std 17
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The 74ALVT16646 is a high-performance BiCMOS product
designed for VCC operation at 2.5V or 3.3V with I/O compatibility up
to 5V.
This device is a 16-bit transceiver featuring non-inverting 3-State
bus compatible outputs in both send and receive directions. The
control function implementation minimizes external timing
requirements. The device features an Output Enable (OE) input for
easy cascading and a Direction (DIR) input for direction control.
Data on the A or B bus is clocked into the registers on the Low to
High transition of the appropriate clock (CPAB or CPBA). The
select-control (SAB and SBA) inputs can multiplex stored and
real-time (transparent mode data).
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
SYMBOL
PARAMETER
Tamb = 25°C
2.5V
3.3V
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
CL = 50pF
2.2
2.3
1.7
1.8
ns
CIN
Input capacitance DIR, OE
VI = 0V or VCC
3
3
pF
CI/O
I/O pin capacitance
VI/O = 0V or VCC
9
9
pF
ICCZ
Total supply current
Outputs disabled
40
70
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ALVT166646 DL
AV16646 DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVT16646 DGG
AV16646 DGG
SOT364-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com