Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16646 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74ALVT16646
Description  2.5V/3.3V 16-bus transceiver 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16646 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74ALVT16646 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Philips Semiconductors
Product specification
74ALVT16646
2.5V/3.3V 16-bit bus transceiver (3-State)
1998 Feb 13
9
AC CHARACTERISTICS (3.3V
"0.3V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V "0.3V
UNIT
MIN
TYP1
MAX
fMAX
Maximum clock frequency
1
150
MHz
tPLH
tPHL
Propagation delay
nCPAB to nBx or nCPBA to nAx
1
1.0
1.0
2.6
2.1
3.7
3.1
ns
tPLH
tPHL
Propagation delay
nSAB to nBx or nSBA to nAx
2
1.0
1.0
2.4
2.1
4.0
3.8
ns
tPLH
tPHL
Propagation delay
nAx to nBx or nBx to nAx
2
3
0.5
0.5
1.7
1.8
2.4
2.8
ns
tPZH
tPZL
Output enable time
to High and Low level
5
6
0.5
0.5
2.3
2.0
3.9
4.4
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
5
6
1.5
1.5
3.4
2.8
5.0
4.2
ns
tPZH
tPZL
Output enable time
nDIR to nAx or nBx
5
6
1.0
0.5
2.8
2.2
5.0
4.7
ns
tPHZ
tPLZ
Output disable time
nDIR to nAx or nBx
5
6
1.5
1.0
3.5
3.1
5.4
4.7
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC SETUP REQUIREMENTS (3.3V
"0.3V RANGE)
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V "0.3V
UNIT
MIN
TYP1
tS(H)
tS(L)
Setup time, High or Low
nAx to nCPAB or nBx to nCPBA
4
1.6
1.6
1.0
1.0
ns
th(H)
th(L)
Hold time, High or Low
nAx to nCPAB or nBx or nCPBA
4
0.0
0.0
–0.5
–0.7
ns
tw(H)
tw(L)
Pulse width, High or Low
nCPAB or nCPBA
1
1.5
1.5
ns
NOTE:
1. This data sheet limit may vary among suppliers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com