Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16646 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ALVT16646
Description  2.5V/3.3V 16-bus transceiver 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16646 Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVT16646 Datasheet HTML 1Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 2Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 3Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 4Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 5Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 6Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Philips
Semiconductors
74ALVT16646
2.5V/3.3V 16-bus transceiver (3-State)
Product specification
Supersedes data of 1996 Aug 13
IC23 Data Handbook
1998 Feb 13
INTEGRATED CIRCUITS


Similar Part No. - 74ALVT16646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16600 PHILIPS-74ALVT16600 Datasheet
97Kb / 14P
2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16600DGG PHILIPS-74ALVT16600DGG Datasheet
97Kb / 14P
2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16600DL PHILIPS-74ALVT16600DL Datasheet
97Kb / 14P
2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
125Kb / 20P
18-bit universal bus transceiver; 3-state
Rev. 03-5 July 2005
More results

Similar Description - 74ALVT16646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC16245 PHILIPS-74ALVC16245 Datasheet
91Kb / 10P
2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
74ALVT16245 PHILIPS-74ALVT16245 Datasheet
95Kb / 12P
2.5V/3.3V ALVT 16-bit transceiver 3-State
1998 Feb 13
74ALVT16501 PHILIPS-74ALVT16501 Datasheet
102Kb / 16P
2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16543 PHILIPS-74ALVT16543 Datasheet
100Kb / 14P
2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Feb 13
74ALVT16600 PHILIPS-74ALVT16600 Datasheet
97Kb / 14P
2.5V/3.3V 18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
74ALVT16952 PHILIPS-74ALVT16952 Datasheet
98Kb / 14P
2.5V/3.3V ALVT 16-bit registered transceiver 3-State
1998 Mar 19
74ALVT16953 PHILIPS-74ALVT16953 Datasheet
100Kb / 14P
2.5V/3.3V 16-bit registered transceiver 3-State
1998 Mar 26
74LVT16646A PHILIPS-74LVT16646A Datasheet
114Kb / 21P
3.3V ABT 16-bit bus transceiver 3-State
Rev. 03-12 January 2005
logo
Renesas Technology Corp
IDT74ALVC16245 RENESAS-IDT74ALVC16245 Datasheet
277Kb / 7P
3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
JUNE 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com