Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT16646 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74ALVT16646
Description  2.5V/3.3V 16-bus transceiver 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVT16646 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74ALVT16646 Datasheet HTML 7Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 8Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 9Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 10Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 11Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 12Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 13Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 14Page - NXP Semiconductors 74ALVT16646 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Philips Semiconductors
Product specification
74ALVT16646
2.5V/3.3V 16-bit bus transceiver (3-State)
1998 Feb 13
12
VM
tPHL
tPLH
VM
VM
VM
nSBA or
nSAB
nAx or nBx
SH00032
3.0V or VCC
0V
VOH
VOL
Waveform 3. Propagation Delay, nSBA to nAx or nSAB to nBx
VM
nAx or
nBx
VM
VM
VM
VM
VM
nCPBA or
nCPAB
ts(H)
th(H)
ts(L)
th(L)
SH00033
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
3.0V
or
VCC
0V
3.0V
or
VCC
0V
Waveform 4. Data Setup and Hold Times
nOE, nDIR
VM
tPZH
tPHZ
0V
VY
VM
VM
nAx or nBx
nDIR
VOH
SH00034
0V
3.0V or VCC
whichever
is less
Waveform 5. 3–State Output Enable Time to High Level and
Output Disable Time from High Level
tPZL
tPLZ
0V
VX
VM
VM
VM
nOE, nDIR
nAx or nBx
nDIR
SH00035
VOL
3.0V or VCC
0V
3.0V or VCC
Waveform 6. 3–State Output Enable Time to Low Level and
Output Disable Time from Low Level
TEST CIRCUIT AND WAVEFORMS
PULSE
GENERATOR
VIN
VOUT
CL
VCC
RL
Test Circuit for 3-State Outputs
VM
VM
tW
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance:
See AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
74ALVT16
SWITCH POSITION
TEST
SWITCH
tPLZ/tPZL
6V or VCC x 2
tPLH/tPHL
Open
tPHZ/tPZH
GND
6.0V or VCC x 2
RT
RL
Open
GND
SW00025
D.U.T.
Amplitude
Rep. Rate
tW
tR
tF
3.0V or VCC
whichever
is less
v10MHz
500ns
v2.5ns v2.5ns
VIN
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com