Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P813 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM78P813
Description  8-BIT OTP MICRO-CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM78P813 Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
2
2004/8/19
(V1.6)
Specification Revision History
Version
Content
EM78813 ICE
1.0
Initial version
1.1
Add “VNWSB” pin
Add touch panel pen press / unpress detection
2002/12/25
1.2
Remove “VNWSB” pin
Change FSK, DTMF and CW power control
2003/3/4
1.3
Modify Current DA resolution from 7 bits to 10 bits
2003/3/26
1.4
Add 208 pin QFP package
2003/9/1
1.5
1. Modify normal mode operation voltage
2. Modify DC electrical characteristic
3. Remove AD and Touch panel function
2003/12/3
1.6
Remove Idle mode
2004/8/19
EM78R813
EM78P813
EM78813
EM78815
Data RAM
16K X 8
16K X 8
4K X 8
4K X 8
PRG ROM
64K X 13
64K X 13
48K X 13
64K X 13
DATA ROM
256K X 8
256K X 8
256K X 8
256K X 8
Expand ROM
2M X 8
2M X 8
--
2M X 8
STACK
32
24
24
24
Common RAM
256 byte
128 byte
128 byte
128 byte
OP
O
X
X
X
Current DA
O
O
O
O
DED input
Share with TIP
Independent pin
Independent pin
Independent pin
Key scan
Chipsel pin decide
Chipsel pin decide
Share with SEG
Share with IO
Pin
256
186
184
105
Process
.5
.5
.5
.35
EM78813/EM78815 mode select
EM78813 mode(IOCB page1 bit6=0)
EM78815 mode(IOCB page1 bit6=1)
KEY strobe pin
Share with SEG50~SEG65
Share with PORT8 and PORT9
Internal LCD driver
Enable
Disable(COM,SEG pin high impedance)
Expand function
NO
Interface share with SEG34~SEG65
Application Note
1.
2.0V reference voltage will power down when both RD PAGE2 bit7(DAREF) and RA PAGE2 bit7(CMPEN) are clear
to 0.
2.
For targeting interrupt and program run to address 0x0008, ACC, R3(STATUS), R5(Program page) and
R4(6,7) will
be automatically saved and R3(6,7) R register page will set to PAGE0, and reload after the instruction “RETI”.
3.
Before using Key tone function, please set Port 76 as output type.
4.
In EM78R813, pin EGIN1 and EGIN2 are shared with pin TIP and RIN, but they are independent in EM78P813 and
EM78813.
5.
In EM78R813, user can turn on one of FSK, DTMF and CW power at the same time. In OTP and mask version, user
can turn on both CID(one of FSK and DRMF) or CW power at the same time, but FSK and DTMF power can not turn
on simultaneously.
6. Please do not switch MCU operation mode from normal mode to sleep mode directly. Before into sleep mode, please
switch MCU to green mode.
7.For accessing data ROM,EM78P813 (OTP) can work at 10.74MHz, but please note that ROM type EM78813 only can
work at 5.37MHz
8. While switching main clock (regardless of high freq to low freq or on the other hand), adding 6 instructions delay (NOP)
is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com