Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P813 Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM78P813
Description  8-BIT OTP MICRO-CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813 Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM78P813 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
8
2004/8/19
(V1.6)
VI. Pin Descriptions
I. POWER pin
Pin
I/O
Description
VDD
POWER
Digital Power
AVDD
POWER
Analog Power
LVDD
POWER
Charge pump used power
GND
POWER
Digital Ground
AVSS
POWER
Analog Ground
LVSS
POWER
Charge pump used power
II. CLOCK pin
Pin
I/O
Description
XIN
I
Input pin for 32.768 kHz oscillator
XOUT
O
Output pin for 32.768 kHz oscillator
PLLC
I
Phase loop lock capacitor, connect a capacitor 0.01u to 0.047u
with GND
III.1. Embedded LCD pin
Pin
I/O
Description
COM0..COM15
O
Common driver pins of LCD drivers
COM16..COM23
O
COM16..COM23 are shared with SEG111..SEG106
COM24..COM31
O
COM24..COM31 are shared with SEG105..SEG98
SEG0..SEG65
O
Segment driver pins of LCD drivers
SEG66..SEG73
O
Segment driver pins of LCD drivers share with PORT8
SEG74..SEG81
O
Segment driver pins of LCD drivers share with PORT9
SEG82..SEG89
O
Segment driver pins of LCD drivers share with PORTB
SEG90..SEG97
O
Segment driver pins of LCD drivers share with PORTC
C1,C2
-
Charge Pump capacitor. C1 connect 1uF Cap To C2.
Vout
-
Charge pump output voltage ,connect 1uF Cap to GND
VREF
-
2.7V, need to be connected 0.1uF capacitor to GND
VC1..VC5
I
Reference voltage input. Each one connect a capacitor (0.1u)
with GND.
III.2. External LCD device control pin
Pin
I/O
Description
LCDD0..LCDD7
I/O
External LCD driver data bus. Shared with PORTB0..PORTB7.
/WR
O
Write enable output (active low signal). Shared with PORTC2.
/RD
O
Read enable output (active low signal). Shared with PORTC3.
A0
O
Used as register selection. When A0 equal to 1, data bus transmit
LCD DATA. When A0 equal to 0,data bus transmit LCD
Address. The pin shared with PORTC4.
/CS1../CS2
O
Chip Selection signal output. Shared with PORTC1..PORTC0
IV. FSK,CW
Pin
I/O
Description
TIP
I
Should be connected with TIP side of twisted pair lines for FSK.
RING
I
Should be connected with RING side of twisted pair lines for
FSK.
CWGS
O
Gain adjustment of single-ended input OP Amp
CWIN
I
Single-ended input OP Amp for call waiting decoder
EGIN1,EGIN2
I
DED input
V. DTMF receiver
Pin
I/O
Description
EST
O
Early steering output. Presents a logic high immediately when



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com