Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P813 Datasheet(PDF) 55 Page - ELAN Microelectronics Corp

Part # EM78P813
Description  8-BIT OTP MICRO-CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813 Datasheet(HTML) 55 Page - ELAN Microelectronics Corp

Back Button EM78P813 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 55Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 56Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 57Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 58Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 59Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
55
2004/8/19
(V1.6)
VII.10 CALL WAITING Function Description
CWTIP
Filter
Vdd/2
Detection
block
Voltage
reference
GAIN
FSK
demodulator
TIP
RING
-
+
CAS
DATA
/CD
Fig.33
Call Waiting Block Diagram
Call Waiting service works by alerting a customer engaged in a telephone call to a new incoming call. This way
the customer can still receive important calls while engaged in a current call. The CALL WAITING DECODER can
detect CAS(Call-Waiting Alerting Signal 2130Hz plus 2750Hz) and generate a valid signal on the data pins.
The call waiting decoder is designed to support the Caller Number Deliver feature, which is offered by regional
Bell Operating Companies.
In a typical application, after enabling CW circuit (by R5 page3 bit3 & bit4 ) this IC receives Tip and Ring
signals from twisted pairs. The signals as inputs of pre-amplifier, and the amplifier sends input signal to a band pass
filter. Once the signal is filtered, the Detection block decodes the information and sends it to RE page2 bit7 . The
output data made available at RE CAS bit.
The data is CAS signals. The CAS is normal high. When this IC detects 2130Hz and 2750Hz frequency, then
CAS pin goes to low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com