Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P813 Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EM78P813
Description  8-BIT OTP MICRO-CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813 Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM78P813 Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
49
2004/8/19
(V1.6)
mode. When this bit is set to “0”, the Energy Detector works at low frequency mode. The difference between high
frequency and low frequency is as follows.
DEDPWR DEDCLK
ENPLL
Energy detector clock
Main CLK
0
X
X
X
Decision by ENPLL
1
0
0
32.768 KHz
Disable
1
0
1
32.768 KHz
Enable
1
1
0
3.5826 MHz
Enable
1
1
1
3.5826 MHz
Enable
PS. “X” means don’t care
Bit 3(CW_SMB) : Call Waiting / short message receiver switch
0
Short message mode select.
± 5.5% CAS tone accepted frequency range deviation.(Protocol : ± 5%)
1
Call Waiting mode select. CAS tone accepted frequency range deviation is decided on CODE Option
Register bit 5 ( 1:for Europe and USA / 0:for China )
Bit 4 (WUEDD) : Wake-up control of Energy Detector (DED) output data
1/0
enable/disable
Bit 5 (EDGE) : Wake-up and interrupt trigging edge control of Energy Detector (DED) output
1/0
Falling edge trig. / Rising edge and Falling edge trig.
Bit 6(DEDD) : Output data of Differential Energy Detector (DED) If input signal from TIP/EGIN1 and RING/EGIN2 pin
to Differential Energy Detector is over the threshold level setting at IOCE PAGE 2 bit 0 (DEDTHD), the DED will
extract the zero-crossing pulse waveform corresponding to input signal.
Bit 7 (VRSEL) : Reference voltage VR selection bit for Comparator
0
VR = VDD
1
VR = 2.0V
When this bit is set to “0”, V2_0 ref. circuit will be powered off. 2.0V ref. circuit is only powered on when this
bit and RA page2 bit 7(CMPEN) are all set to “1”.
IOCF Interrupt Mask Register2
7
6
5
4
3
2
1
0
RBF/STD FSK/CW
0
UART
DED
CNT2
CNT1
TCC
Bit 0~Bit 4, Bit6~Bit7 : Interrupt enable bits.
0/1
disable interrupt/enable interrupt
Bit4: Undefined register. This bit must keep to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com