Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P813 Datasheet(PDF) 33 Page - ELAN Microelectronics Corp

Part # EM78P813
Description  8-BIT OTP MICRO-CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813 Datasheet(HTML) 33 Page - ELAN Microelectronics Corp

Back Button EM78P813 Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 37Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
33
2004/8/19
(V1.6)
PAGE2 KEY Strobe Control Register
7
6
5
4
3
2
1
0
STRB15 STRB14 STRB13 STRB12 STRB11 STRB10
STRB9
STRB8
Bit 0 ~ Bit 7 (STRB8 ~ STRB15) : Key strobe control bits
These key strobe control registers correspond to SEGMENT58 ~ SEGMEN65 or Port90 ~ Port97 (decided by
CHIPSEL pin). Please refer KEYSTOBE explanation (RE page3).
PAGE3 Undefined Register
7
6
5
4
3
2
1
0
0
0
0
X
0
0
0
0
Bit 0~3, 5~7: Undefined register. These bits must keep to 0.
RD PORT D I/O Data , Data RAM address , LCD control
PAGE0 PORT D I/O Data , Data RAM address
7
6
5
4
3
2
1
0
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
Bit 0 ~ Bit 7 (PD0 ~ PD7) : 7-bit PORTD ( 0~6 ) I/O data register
User can use IOC register to define input or output each bit.
PAGE1 Data RAM Address1(Low 8 bits)
7
6
5
4
3
2
1
0
RAM1A7 RAM1A6 RAM1A5 RAM1A4 RAM1A3 RAM1A2 RAM1A1 RAM1A0
Bit 0~Bit 7 (RAM1A0 ~ RAM1A7) : Data RAM address1 (address0 to address7) for RAM reading or writing
PAGE2 LCD Control Register
7
6
5
4
3
2
1
0
-
IRS1
IRS0
Bias4
Bias3
Bias2
Bias1
Bias0
Bit 0 ~ Bit 4 (Bias0 ~ Bias4) : LCD operation voltage selection
About the relation with VDD and V1 , please refer Fig.20 and 21.
(Bias4 to Bias0)
VEV voltage
V1(1+Rb/Ra ratio = 2)
00000
Vref * (1-2/100)
5.29V
00001
Vref * (1-3/100)
5.24V
00010
Vref * (1-4/100)
5.18V
00011
Vref * (1-5/100)
5.13V
00100
Vref * (1-6/100)
5.08V
:
:
:
11101
Vref * (1-31/100)
3.73V
11110
Vref * (1-32/100)
3.67V
11111
Vref * (1-33/100)
3.62V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com