Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P813 Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM78P813
Description  8-BIT OTP MICRO-CONTROLLER
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P813 Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM78P813 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 16Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P813 Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
EM78P813
8-bit OTP Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to change without notice.
16
2004/8/19
(V1.6)
R4 RAM select for common Registers R20~R3F , UART control
PAGE0
7
6
5
4
3
2
1
0
RBS1
RBS0
RSR5
RSR4
RSR3
RSR2
RSR1
RSR0
Bit 0 ~ Bit 5 (RSR0 ~ RSR5) : Indirect addressing for common registers R20 ~ R3F
RSR bits are used to select up to 32 registers (R20 to R3F) in the indirect addressing mode.
Bit 6 ~ Bit 7 (RB0 ~ RB1) : Bank selection bits for common registers R20 ~ R3F
These selection bits are used to determine which bank is activated among the 4 banks (RBS2 is in R4 PAGE3 Bit7)
for 32 register (R20 to R3F)..
R4 PAGE1 Undefined Register
R4 page1 is undefined register, this is not allowed to use.
PAGE2 Undefined Register
7
6
5
4
3
2
1
0
X
X
X
X
X
X
0
0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 1 : Undefined registers, please clear these two bits to 0.
Bit 2 ~ Bit 7 : Undefined registers, these bits are not allowed to use.
R4 PAGE3 Undefined Register
R4 page3 is undefined register, this is not allowed to use.
R5 Program page selection , CNT CLK & scale setting , CNT1 data(L)
PAGE0 Program page
7
6
5
4
3
2
1
0
X
PS6
PS5
PS4
PS3
PS2
PS1
PS0
X
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 6 (PS0 ~ PS6) : Program page selection bits
PS6
PS5
PS4
PS3
PS2
PS1
PS0 Program memory page (Address)
0
0
0
0
0
0
0
Page 0
0
0
0
0
0
0
1
Page 1
0
0
0
0
0
1
0
Page 2
0
0
0
0
0
1
1
Page 3
:
:
:
:
:
:
:
:
:
:
:
:
1
1
1
1
1
1
0
Page 126
1
1
1
1
1
1
1
Page 127
User can use PAGE instruction to change page to maintain program page by user.
Bit 7 : Unused.
PAGE1 Counter1 Counter2 CLK and scale setting
7
6
5
4
3
2
1
0
CNT2S
C2P2
C2P1
C2P0
CNT1S
C1P2
C1P1
C1P0
Bit 0~Bit 2(C1P0~C1P2) : Counter1 scaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com