Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DH/2 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF8576DH/2
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576DH/2 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF8576DH/2 Datasheet HTML 30Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 31Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 32Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 33Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 34Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 35Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 36Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 37Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
2004 Dec 22
34
Philips Semiconductors
Product specification
Universal LCD driver for low
multiplex rates
PCF8576D
14 TRAY INFORMATION
handbook, full pagewidth
x
y
F
H
MCE404
D
E
A
G
1,1
x,1
2,1
1,2
1,y
x,y
C
B
Fig.25 Tray details.
For dimensions, see Table 17.
Table 17 Tray dimensions (see Fig.25)
SYMBOL
DESCRIPTION
VALUE
A
pocket pitch, in x direction
5.59 mm
B
pocket pitch, in y direction
6.35 mm
C
pocket width, in x direction
3.16 mm
D
pocket width, in y direction
3.16 mm
E
tray width, in x direction
50.8 mm
F
tray width, in y direction
50.8 mm
G
cut corner to pocket 1,1 centre
5.83 mm
H
cut corner to pocket 1,1 centre
6.35 mm
x
number of pockets in x direction
8
y
number of pockets in y direction
7
handbook, halfpage
MDB080
PC8576DU
Fig.26 Tray alignment.
The orientation of the IC in a pocket is indicated by the
position of the IC type name on the die surface with
respect to the chamfer on the upper left corner of the tray.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com