Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DH/2 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8576DH/2
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576DH/2 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8576DH/2 Datasheet HTML 12Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 13Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 14Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 15Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 16Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 17Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 18Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 19Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
2004 Dec 22
16
Philips Semiconductors
Product specification
Universal LCD driver for low
multiplex rates
PCF8576D
6.5
Oscillator
6.5.1
INTERNAL CLOCK
The internal logic of the PCF8576D and its LCD drive
signals are timed either by its internal oscillator or by an
external clock. The internal oscillator is enabled by
connecting pin OSC to pin VSS. If the internal oscillator is
used, the output from pin CLK can be used as the clock
signal for several PCF8576Ds in the system that are
connected in cascade. After power-up, pin SDA must be
HIGH to guarantee that the clock starts.
6.5.2
EXTERNAL CLOCK
Pin CLK is enabled as an external clock input by
connecting pin OSC to VDD.
The LCD frame signal frequency is determined by the
clock frequency (fCLK).
A clock signal must always be supplied to the device;
removing the clock may freeze the LCD in a DC state.
6.6
Timing
The PCF8576D timing controls the internal data flow of the
device. This includes the transfer of display data from the
display RAM to the display segment outputs. In cascaded
applications, the correct timing relationship between each
PCF8576D in the system is maintained by the
synchronization signal at pin SYNC. The timing also
generates the LCD frame signal whose frequency is
derived from the clock frequency. The frame signal
frequency is a fixed division of the clock frequency from
either the internal or an external clock.
Frame frequency =
6.7
Display register
The display latch holds the display data while the
corresponding multiplex signals are generated. There is a
one-to-one relationship between the data in the display
latch, the LCD segment outputs and each column of the
display RAM.
6.8
Segment outputs
The LCD drive section includes 40 segment outputs
S0 to S39 which should be connected directly to the LCD.
The segment output signals are generated in accordance
with the multiplexed backplane signals and with data
residing in the display latch. When less than 40 segment
outputs are required, the unused segment outputs should
be left open-circuit.
6.9
Backplane outputs
The LCD drive section includes four backplane outputs
BP0 to BP3 which should be connected directly to the
LCD. The backplane output signals are generated in
accordance with the selected LCD drive mode. If less than
four backplane outputs are required, the unused outputs
can be left open-circuit. In the 1 : 3 multiplex drive mode,
BP3 carries the same signal as BP1, therefore these two
adjacent outputs can be tied together to give enhanced
drive capabilities. In the 1 : 2 multiplex drive mode, BP0
and BP2, BP1 and BP3 respectively carry the same
signals and may also be paired to increase the drive
capabilities. In the static drive mode the same signal is
carried by all four backplane outputs and they can be
connected in parallel for very high drive requirements.
6.10
Display RAM
The display RAM is a static 40
× 4-bit RAM which stores
LCD data. A logic 1 in the RAM bit-map indicates the
on-state of the corresponding LCD segment; similarly, a
logic 0 indicates the off-state. There is a one-to-one
correspondence between the RAM addresses and the
segment outputs, and between the individual bits of a RAM
word and the backplane outputs. The first RAM column
corresponds to the 40 segments operated with respect to
backplane BP0 (see Fig.11). In multiplexed LCD
applications the segment data of the second, third and
fourth column of the display RAM are time-multiplexed
with BP1, BP2 and BP3 respectively.
When display data is transmitted to the PCF8576D, the
display bytes received are stored in the display RAM in
accordance with the selected LCD drive mode. The data is
stored as it arrives and does not wait for an acknowledge
cycle as with the commands. Depending on the current
multiplex drive mode, data is stored singularly, in pairs,
triplets or quadruplets. For example, in the 1 : 2 mode, the
RAM data is stored every second bit. To illustrate the filling
order, an example of a 7-segment numeric display
showing all drive modes is given in Fig.12; the RAM filling
organization depicted applies equally to other LCD types.
With reference to Fig.12, in the static drive mode, the eight
transmitted data bits are placed in bit 0 of eight successive
display RAM addresses. In the 1 : 2 mode, the eight
transmitted data bits are placed in bits 0 and 1 of four
successive display RAM addresses. In the 1 : 3 mode,
these bits are placed in bits 0, 1 and 2 of three successive
addresses, with bit 2 of the third address left unchanged.
This last bit may, if necessary, be controlled by an
additional transfer to this address but care should be taken
to avoid overriding adjacent data because full bytes are
always transmitted.
f
CLK
24
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com