Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DH/2 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8576DH/2
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576DH/2 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8576DH/2 Datasheet HTML 6Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 7Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 8Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 9Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 10Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 11Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 12Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 13Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
2004 Dec 22
10
Philips Semiconductors
Product specification
Universal LCD driver for low
multiplex rates
PCF8576D
6.1
Power-on reset
At power-on the PCF8576D resets to the following starting
conditions:
• All backplane outputs are set to VLCD
• All segment outputs are set to VLCD
• Drive mode ‘1 : 4 multiplex with 1⁄3 bias’ is selected
• Blinking is switched off
• Input and output bank selectors are reset (as defined in
Table 4)
• The I2C-bus interface is initialized
• The data pointer and the subaddress counter are
cleared
• Display is disabled.
Data transfers on the I2C-bus should be avoided for 1 ms
following power-on to allow completion of the reset action.
6.2
LCD bias generator
Fractional LCD biasing voltages are obtained from an
internal voltage divider comprising three resistors
connected in series between VLCD and VSS. The middle
resistor can be bypassed to provide a 1
⁄2 bias voltage level
for the 1 : 2 multiplex configuration. The LCD voltage can
be temperature compensated externally via the supply to
pin VLCD.
6.3
LCD voltage selector
The LCD voltage selector co-ordinates the multiplexing of
the LCD in accordance with the selected LCD drive
configuration. The operation of the voltage selector is
controlled by MODE SET commands from the command
decoder. The biasing configurations that apply to the
preferred modes of operation, together with the biasing
characteristics as functions of VLCD and the resulting
Discrimination ratios (D), are given in Table 2.
A practical value for VLCD is determined by equating
Voff(rms) with a defined LCD threshold voltage (Vth),
typically when the LCD exhibits approximately 10%
contrast. In the static drive mode a suitable choice is
VLCD >3Vth.
Multiplex drive modes of 1 : 3 and 1 : 4 with 1
⁄2 bias are
possible but the discrimination and hence the contrast
ratios are smaller.
6.3.1
LCD BIAS FORMULAE
Bias is calculated by the formula
For 1
⁄2 bias, a = 1; for 1⁄3 bias, a = 2.
The LCD on voltage (Von) is calculated by the formula
The LCD off voltage (Voff) is calculated by the formula
where Vop is the resultant voltage at the LCD segment; N
is the LCD drive mode: 1 = static, 2 = 1 : 2, 3 = 1 : 3,
4=1:4.
Discrimination is the ratio of Von to Voff, and is determined
by the formula
Using the above formula, the discrimination for an LCD
drive mode of 1 : 3 with 1
⁄2 bias is
= 1.732, and the
discrimination for an LCD drive mode of 1 : 4 with 1
⁄2 bias
is
= 1.528.
The advantage of these LCD drive modes is a reduction of
the LCD full-scale voltage VLCD as follows:
1 : 3 multiplex (1
⁄2 bias):
VLCD =
= 2.449 Voff(rms)
1 : 4 multiplex (1
⁄2 bias):
VLCD =
= 2.309 Voff(rms)
These compare with VLCD =3Voff(rms) when 1⁄3 bias is
used.
1
1a
+
-------------
1
N
----
N1
–
()
1
1a
+
-------------


⋅
2
+
N
------------------------------------------------------------
V
op
a
2
2a
N
+
()
–
N1
a
+
()
2
⋅
----------------------------------
V
op
V
on
V
off
---------
a1
+
()
2
N1
–
()
+
a1
–
()
2
N1
–
()
+
---------------------------------------------
=
3
21
3
----------
6V
off(rms)
×
43
×
()
3
----------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com