Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DH/2 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF8576DH/2
Description  Universal LCD driver for low multiplex rates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8576DH/2 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF8576DH/2 Datasheet HTML 28Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 29Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 30Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 31Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 32Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 33Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 34Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 35Page - NXP Semiconductors PCF8576DH/2 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
2004 Dec 22
32
Philips Semiconductors
Product specification
Universal LCD driver for low
multiplex rates
PCF8576D
handbook, full pagewidth
S25
S26
S27
S28
S29
S30
S31
S32
S33
C2
2.26 mm
A2
A1
C1
SA0
VSS
BP2
BP0
VLCD
BP1
BP3
S0
S2
S1
S3
PCF8576DU
2.01
mm
MDB074
x
y
0
0
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
52
53
54
55
56
57
58
59
12
3
4
56
7
8
43
44
45
46
47
48
49
S18
S19
S20
S21
S22
S23
S24
36
37
38
39
40
41
42
50
51
Fig.23 Bonding pad locations.
Chip dimensions: approximately 2.26
× 2.01 mm.
Bump dimensions (except pad 1): 52
× 80 × 17.5 (height) µm.
Bump dimensions (pad 1): 52
× 76 × 17.5 (height) µm.
Alignment marks: diameter = 72
µm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com